Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STCF02 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce STCF02
Description  High power white led driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF02 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button STCF02_07 Datasheet HTML 8Page - STMicroelectronics STCF02_07 Datasheet HTML 9Page - STMicroelectronics STCF02_07 Datasheet HTML 10Page - STMicroelectronics STCF02_07 Datasheet HTML 11Page - STMicroelectronics STCF02_07 Datasheet HTML 12Page - STMicroelectronics STCF02_07 Datasheet HTML 13Page - STMicroelectronics STCF02_07 Datasheet HTML 14Page - STMicroelectronics STCF02_07 Datasheet HTML 15Page - STMicroelectronics STCF02_07 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Detailed operating description
STCF02
12/19
Figure 11. Reducing power during the EN3
6.4
Medium flash mode
To select this operating mode the Enable pins have to be connected as follows:
EN1=1, EN2=0, EN3=0
In medium flash mode the current is set between the Torch and the flash mode levels and can be adjusted
by connecting a resistor between the RMFL pin and the ground:
The medium flash current is then programmed using the following equation:
IMF=10
-5/R
FL • [3000+(13000• RMF/13000+RMF)]. (See Figure 12).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19