| Moteur de recherche de fiches techniques de composants électroniques |
|
BCR1AM Fiches technique(PDF) 1 Page - Powerex Power Semiconductors |
|
|
|||||||||||||||||||||||||||||
BCR1AM Fiches technique(HTML) 1 Page - Powerex Power Semiconductors |
|
1 / 4 page ![]() Dimensions Inches Millimeters A 0.45 Min. 12.5 Min. B 0.20 Max. 5.0 Max. C 0.15 Max. 3.9 Max. D 0.05 1.3 E 0.05 1.25 F 0.028 Dia. 0.7 Dia. Description: A triac is a solid state silicon AC switch which may be gate triggered from an off-state to an on-state for either polarity of applied voltage. Features: □ Glass Passivation Applications: □ AC Switch Ordering Information: Example: Select the complete seven or eight digit part number you desire from the table - i.e. BCR1AM-8 is a 400 Volt, 1 Ampere Triac. VDRM Type Volts Code BCR1AM 400 -8 600 -12 Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (412) 925-7272 Lead-Mount Triac 1 Ampere/400-600 Volts BCR1AM Outline Drawing (Conforms to JEDEC TO-92) T-1 CONNECTION DIAGRAM OUTLINE DRAWING T1 TERMINAL T2 TERMINAL GATE TERMINAL B A C D E E B CIRCUMSCRIBE CIRCLE F - DIA. |
Numéro de pièce similaire - BCR1AM |
|
Description similaire - BCR1AM |