Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M58PR001LE Fiches technique(PDF) 58 Page - STMicroelectronics

No de pièce M58PR001LE
Description  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR001LE Fiches technique(HTML) 58 Page - STMicroelectronics

Back Button M58PR001LE Datasheet HTML 54Page - STMicroelectronics M58PR001LE Datasheet HTML 55Page - STMicroelectronics M58PR001LE Datasheet HTML 56Page - STMicroelectronics M58PR001LE Datasheet HTML 57Page - STMicroelectronics M58PR001LE Datasheet HTML 58Page - STMicroelectronics M58PR001LE Datasheet HTML 59Page - STMicroelectronics M58PR001LE Datasheet HTML 60Page - STMicroelectronics M58PR001LE Datasheet HTML 61Page - STMicroelectronics M58PR001LE Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 119 page
background image
Extended Flash array (EFA)
M58PR256LE, M58PR512LE, M58PR001LE
58/119
9
Extended Flash array (EFA)
In addition to its main array, the M58PRxxxLE features an EFA that is divided into 4 blocks of
4 KWords each. See Table 5: EFA memory map.
The EFA blocks are accessed through a separate set of commands (see Section 4:
Command interface for details).
The operations available on the EFA blocks are asynchronous random access read, single
synchronous read, (single word) program, erase, block lock, block unlock, and block lock-
down.
The EFA blocks support program/erase suspend and dual operations with the main array.
Dual operations between the EFA and the OTP area are not supported. See Table 21: Dual
operation limitations for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More