| Moteur de recherche de fiches techniques de composants électroniques |
|
HT600 Fiches technique(PDF) 7 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT600 Fiches technique(HTML) 7 Page - Holtek Semiconductor Inc |
|
7 / 15 page ![]() Flowchart Note: D12~D15 are transmission enables of the HT6207. TE is the transmission enable of the HT600/HT680. Oscillator Frequency vs. Supply Voltage The recommended oscillator frequency is fOSCD (decoder) @ fOSCE (encoder) HT600/HT680/HT6207 Rev. 1.10 7 January 24, 2003 T r a n s m i s s i o n e n a b l e d ? N o Y e s 3 d a t a w o r d s t r a n s m i t t e d Y e s T r a n s m i s s i o n s t i l l e n a b l e d ? 3 d a t a w o r d s t r a n s m i t t e d c o n t i n u o u s l y N o P o w e r o n S t a n d b y m o d e f o s c ( S c a l e ) 3 . 0 0 2 . 7 5 2 . 5 0 2 . 0 0 1 . 7 5 1 . 5 0 1 . 2 5 ( 1 0 0 k H z ) 1 . 0 0 0 . 7 5 0 . 5 0 0 . 2 5 R o s c ( W ) 1 2 0 k 1 5 0 k 1 8 0 k 2 2 0 k 2 7 0 k 3 3 0 k 3 9 0 k 4 7 0 k 5 6 0 k 6 8 0 k 8 2 0 k 1 M 1 . 5 M 2 M 2 . 2 5 V D D ( V D C ) 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 2 . 5 |