| Moteur de recherche de fiches techniques de composants électroniques |
|
ADP1829ACPZ-R7 Fiches technique(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1829ACPZ-R7 Fiches technique(HTML) 16 Page - Analog Devices |
|
16 / 32 page ![]() ADP1829 Rev. 0 | Page 16 of 32 APPLICATIONS INFORMATION SELECTING THE INPUT CAPACITOR The input current to a buck converter is a pulse waveform. It is zero when the high-side switch is off and approximately equal to the load current when it is on. The input capacitor carries the input ripple current, allowing the input power source to supply only the dc current. The input capacitor needs sufficient ripple current rating to handle the input ripple and also ESR that is low enough to mitigate input voltage ripple. For the usual current ranges for these converters, good practice is to use two parallel capacitors placed close to the drains of the high-side switch MOSFETs, one bulk capacitor of sufficiently high current rating as calculated in Equation 1, along with 10 μF of ceramic capacitor. Select an input bulk capacitor based on its ripple current rating. If both Channel 1 and Channel 2 maximum output load currents are about the same, the input ripple current is less than half of the higher of the output load currents. In this case, use an input capacitor with a ripple current rating greater than half of the highest load current. 2 L RIPPLE I I > (1) If the Output 1 and Output 2 load currents are significantly different (if the smaller is less than 50% of the larger), then the procedure in Equation 1 yields a larger input capacitor than required. In this case, the input capacitor can be chosen as in the case of a single phase converter with only the higher load current, so first determine the duty cycle of the output with the larger load current. IN OUT V V D = (2) In this case, the input capacitor ripple current is approximately ) 1 ( D D I I L RIPPLE − ≈ (3) where IL is the maximum inductor or load current for the channel and D is the duty cycle. Use this method to determine the input capacitor ripple current rating for duty cycles between 20% and 80%. For duty cycles less than 20% or greater than 80%, use an input capacitor with ripple current rating IRIPPLE > 0.4 IL. Selecting the Output LC Filter The output LC filter attenuates the switching voltage, making the output an almost dc voltage. The output LC filter charac- teristics determine the residual output ripple voltage. Choose an inductor value such that the inductor ripple current is approximately 1/3 of the maximum dc output load current. Using a larger value inductor results in a physical size larger than is required, and using a smaller value results in increased losses in the inductor and MOSFETs. Choose the inductor value using the equation ⎟⎟ ⎠ ⎞ ⎜⎜ ⎝ ⎛ − = IN OUT SW L OUT IN V V f I V V L Δ (4) where: L is the inductor value. fSW is the switching frequency. VOUT is the output voltage. VIN is the input voltage. ΔI L is the inductor ripple current, typically 1/3 of the maximum dc load current. Choose the output bulk capacitor to set the desired output voltage ripple. The impedance of the output capacitor at the switching frequency multiplied by the ripple current gives the output voltage ripple. The impedance is made up of the capacitive impedance plus the nonideal parasitic characteristics, the equivalent series resistance (ESR), and the equivalent series inductance (ESL). The output voltage ripple can be approxi- mated with ⎟ ⎟ ⎠ ⎞ ⎜ ⎜ ⎝ ⎛ + + Δ = Δ ESL f C f ESR I V SW OUT SW L OUT 4 8 1 (5) where: ΔV OUT is the output ripple voltage. ΔI L is the inductor ripple current. ESR is the equivalent series resistance of the output capacitor (or the parallel combination of ESR of all output capacitors). ESL is the equivalent series inductance of the output capacitor (or the parallel combination of ESL of all capacitors). Note that the factors of 8 and 4 in Equation 5 would normally be 2π for sinusoidal waveforms, but the ripple current waveform in this application is triangular. Parallel combinations of different types of capacitors, for example, a large aluminum electrolytic in parallel with MLCCs, may give different results. Usually, the impedance is dominated by ESR at the switching frequency, as stated in the maximum ESR rating on the capacitor data sheet, so this equation reduces to ESR I V L OUT Δ ≈ Δ (6) Electrolytic capacitors have significant ESL also, on the order of 5 nH to 20 nH, depending on type, size, and geometry. PCB traces contribute some ESR and ESL as well. However, using the maximum ESR rating from the capacitor data sheet usually provides some margin such that measuring the ESL is not usually required. |