Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP1829ACPZ-R7 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce ADP1829ACPZ-R7
Description  Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP1829ACPZ-R7 Fiches technique(HTML) 11 Page - Analog Devices

Back Button ADP1829ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
ADP1829
Rev. 0 | Page 11 of 32
LOAD OFF
LOAD OFF
100µs/DIV
LOAD ON
VOUT1, AC-COUPLED,
100mV/DIV
T
Figure 16. 1.5 A to 15 A Load Transient Response, VIN = 12 V
T
SS1, 0.5V/DIV
VOUT1, 0.5V/DIV
SHORT CIRCUIT REMOVED
SHORT CIRCUIT APPLIED
INPUT CURRENT, 0.2A/DIV
4ms/DIV
Figure 17. Output Short-Circuit Response
T
400ns/DIV
SWITCH NODE CHANNEL 2
SWITCH NODE
CHANNEL 1
Figure 18. Out-of-Phase Switching, Internal Oscillator
400ns/DIV
SW PIN, CHANNEL 2
SW PIN, CHANNEL 1
EXTERNAL CLOCK, FREQUENCY = 1MHz
T
Figure 19. Out-of-Phase Switching, External 1 MHz Clock
200ns/DIV
SW PIN, CHANNEL 2
SW PIN, CHANNEL 1
EXTERNAL CLOCK, FREQUENCY = 2MHz
T
Figure 20. Out-of-Phase Switching, External 2 MHz Clock
VOUT1, 2V/DIV
EN1, 5V/DIV
10ms/DIV
VIN = 12V
T
Figure 21. Enable Pin Response, VIN = 12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32