| Moteur de recherche de fiches techniques de composants électroniques |
|
AD7147 Fiches technique(PDF) 21 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7147 Fiches technique(HTML) 21 Page - Analog Devices |
|
21 / 68 page ![]() AD7147 Rev. 0 | Page 21 of 68 FF_SKIP_CNT The proximity detection fast FIFO is used by the on-chip logic to determine if proximity is detected. The fast FIFO expects to receive samples from the converter at a set rate. FF_SKIP_CNT is used to normalize the frequency of the samples going into the FIFO, regardless of how many conversion stages are in a sequence. In Register 0x002, Bits [3:0] are the fast filter skip control, FF_SKIP_CNT. This value determines which CDC samples are not used (skipped) by the proximity detection fast FIFO. Determining the FF_SKIP_CNT value is required only once during the initial setup of the capacitance sensor interface. Table 13 shows how FF_SKIP_CNT controls the update rate of the fast FIFO. The recommended value for the setting when using all 12 conversion stages on the AD7147 is 0000, or no samples skipped. Table 13. FF_SKIP_CNT Settings FAST FIFO Update Rate FF_SKIP _CNT Decimation = 64 Decimation = 128 Decimation = 256 0 0.768 × (SEQUENCE_STAGE_NUM + 1) ms 1.536 × (SEQUENCE_STAGE_NUM + 1) ms 3.072 × (SEQUENCE_STAGE_NUM + 1) ms 1 1.536 × (SEQUENCE_STAGE_NUM + 1) ms 3.072 × (SEQUENCE_STAGE_NUM + 1) ms 6.144 × (SEQUENCE_STAGE_NUM + 1) ms 2 2.3 × (SEQUENCE_STAGE_NUM + 1) ms 4.608 × (SEQUENCE_STAGE_NUM + 1) ms 9.216 × (SEQUENCE_STAGE_NUM + 1) ms 3 3.072 × (SEQUENCE_STAGE_NUM + 1) ms 6.144 × (SEQUENCE_STAGE_NUM + 1) ms 12.288 × (SEQUENCE_STAGE_NUM + 1) ms 4 3.84 × (SEQUENCE_STAGE_NUM + 1) ms 7.68 × (SEQUENCE_STAGE_NUM + 1) ms 15.36 × (SEQUENCE_STAGE_NUM + 1) ms 5 4.6 × (SEQUENCE_STAGE_NUM + 1) ms 9.216 × (SEQUENCE_STAGE_NUM + 1) ms 18.432 × (SEQUENCE_STAGE_NUM + 1) ms 6 5.376 × (SEQUENCE_STAGE_NUM + 1) ms 10.752 × (SEQUENCE_STAGE_NUM + 1) ms 21.504 × (SEQUENCE_STAGE_NUM + 1) ms 7 6.144 × (SEQUENCE_STAGE_NUM + 1) ms 12.288 × (SEQUENCE_STAGE_NUM + 1) ms 24.576 × (SEQUENCE_STAGE_NUM + 1) ms 8 6.912 × (SEQUENCE_STAGE_NUM + 1) ms 13.824 × (SEQUENCE_STAGE_NUM + 1) ms 27.648 × (SEQUENCE_STAGE_NUM + 1) ms 9 7.68 × (SEQUENCE_STAGE_NUM + 1) ms 15.36 × (SEQUENCE_STAGE_NUM + 1) ms 30.72 × (SEQUENCE_STAGE_NUM + 1) ms 10 8.448 × (SEQUENCE_STAGE_NUM + 1) ms 16.896 × (SEQUENCE_STAGE_NUM + 1) ms 33.792 × (SEQUENCE_STAGE_NUM + 1) ms 11 9.216 × (SEQUENCE_STAGE_NUM + 1) ms 18.432 × (SEQUENCE_STAGE_NUM + 1) ms 36.864 × (SEQUENCE_STAGE_NUM + 1) ms 12 9.984 × (SEQUENCE_STAGE_NUM + 1) ms 19.968 × (SEQUENCE_STAGE_NUM + 1) ms 39.936 × (SEQUENCE_STAGE_NUM + 1) ms 13 10.752 × (SEQUENCE_STAGE_NUM + 1) ms 21.504 × (SEQUENCE_STAGE_NUM + 1) ms 43.008 × (SEQUENCE_STAGE_NUM + 1) ms 14 11.52 × (SEQUENCE_STAGE_NUM + 1) ms 23.04 × (SEQUENCE_STAGE_NUM + 1) ms 46.08 × (SEQUENCE_STAGE_NUM + 1) ms 15 12.288 × (SEQUENCE_STAGE_NUM + 1) ms 24.576 × (SEQUENCE_STAGE_NUM + 1) ms 49.152 × (SEQUENCE_STAGE_NUM + 1) ms |