| Moteur de recherche de fiches techniques de composants électroniques |
|
AD7147 Fiches technique(PDF) 66 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7147 Fiches technique(HTML) 66 Page - Analog Devices |
|
66 / 68 page ![]() AD7147 Rev. 0 | Page 66 of 68 Table 49. STAGE10 Results Registers Address Data Bit Default Value Type Name Description 0x248 [15:0] X R/W STAGE10_CONV_DATA STAGE10 CDC 16-bit conversion data (copy of CDC_RESULT_S10 register) 0x249 [15:0] X R/W STAGE10_FF_WORD0 STAGE10 fast FIFO WORD0 0x24A [15:0] X R/W STAGE10_FF_WORD1 STAGE10 fast FIFO WORD1 0x24B [15:0] X R/W STAGE10_FF_WORD2 STAGE10 fast FIFO WORD2 0x24C [15:0] X R/W STAGE10_FF_WORD3 STAGE10 fast FIFO WORD3 0x24D [15:0] X R/W STAGE10_FF_WORD4 STAGE10 fast FIFO WORD4 0x24E [15:0] X R/W STAGE10_FF_WORD5 STAGE10 fast FIFO WORD5 0x24F [15:0] X R/W STAGE10_FF_WORD6 STAGE10 fast FIFO WORD6 0x250 [15:0] X R/W STAGE10_FF_WORD7 STAGE10 fast FIFO WORD7 0x251 [15:0] X R/W STAGE10_SF_WORD0 STAGE10 slow FIFO WORD0 0x252 [15:0] X R/W STAGE10_SF_WORD1 STAGE10 slow FIFO WORD1 0x253 [15:0] X R/W STAGE10_SF_WORD2 STAGE10 slow FIFO WORD2 0x254 [15:0] X R/W STAGE10_SF_WORD3 STAGE10 slow FIFO WORD3 0x255 [15:0] X R/W STAGE10_SF_WORD4 STAGE10 slow FIFO WORD4 0x256 [15:0] X R/W STAGE10_SF_WORD5 STAGE10 slow FIFO WORD5 0x257 [15:0] X R/W STAGE10_SF_WORD6 STAGE10 slow FIFO WORD6 0x258 [15:0] X R/W STAGE10_SF_WORD7 STAGE10 slow FIFO WORD7 0x259 [15:0] X R/W STAGE10_SF_AMBIENT STAGE10 slow FIFO ambient value 0x25A [15:0] X R/W STAGE10_FF_AVG STAGE10 fast FIFO average value 0x25B [15:0] X R/W STAGE10_PEAK_DETECT_WORD0 STAGE10 peak FIFO WORD0 value 0x25C [15:0] X R/W STAGE10_PEAK_DETECT_WORD1 STAGE10 peak FIFO WORD1 value 0x25D [15:0] X R/W STAGE10_MAX_WORD0 STAGE10 maximum value FIFO WORD0 0x25E [15:0] X R/W STAGE10_MAX_WORD1 STAGE10 maximum value FIFO WORD1 0x25F [15:0] X R/W STAGE10_MAX_WORD2 STAGE10 maximum value FIFO WORD2 0x260 [15:0] X R/W STAGE10_MAX_WORD3 STAGE10 maximum value FIFO WORD3 0x261 [15:0] X R/W STAGE10_MAX_AVG STAGE10 average maximum FIFO value 0x262 [15:0] X R/W STAGE10_HIGH_THRESHOLD STAGE10 high threshold value 0x263 [15:0] X R/W STAGE10_MAX_TEMP STAGE10 temporary maximum value 0x264 [15:0] X R/W STAGE10_MIN_WORD0 STAGE10 minimum value FIFO WORD0 0x265 [15:0] X R/W STAGE10_MIN_WORD1 STAGE10 minimum value FIFO WORD1 0x266 [15:0] X R/W STAGE10_MIN_WORD2 STAGE10 minimum value FIFO WORD2 0x267 [15:0] X R/W STAGE10_MIN_WORD3 STAGE10 minimum value FIFO WORD3 0x268 [15:0] X R/W STAGE10_MIN_AVG STAGE10 average minimum FIFO value 0x269 [15:0] X R/W STAGE10_LOW_THRESHOLD STAGE10 low threshold value 0x26A [15:0] X R/W STAGE10_MIN_TEMP STAGE10 temporary minimum value 0x26B [15:0] X R/W Unused Set to 0 |