| Moteur de recherche de fiches techniques de composants électroniques |
|
PPC405GP-3FE133CZ Fiches technique(PDF) 41 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC405GP-3FE133CZ Fiches technique(HTML) 41 Page - Applied Micro Circuits Corporation |
|
41 / 59 page ![]() 405GP – Power PC 405GP Embedded Processor AMCC 41 Revision 2.03 – September 7, 2007 Data Sheet GPIO1[TS1E] GPIO2[TS2E] General Purpose I/O or Even Trace execution status. To access this function, software must toggle a DCR bit. I/O[O] 5V tolerant 3.3V LVTTL 1, 6 GPIO3[TS1O] General Purpose I/O or Odd Trace execution status. To access this function, software must toggle a DCR bit. I/O[O] 5V tolerant 3.3V LVTTL 1 GPIO4[TS2O] General Purpose I/O or Odd Trace execution status. To access this function, software must toggle a DCR bit. I/O[O] 5V tolerant 3.3V LVTTL 1, 6 GPIO5:8[TS3:6] General Purpose I/O or Trace status. To access this function, software must toggle a DCR bit. I/O[O] 5V tolerant 3.3V LVTTL 1 GPIO9[TrcClk] General Purpose I/O or Trace interface clock. A toggling signal that is always half of the CPU core frequency. To access this function, software must toggle a DCR bit. I/O[O] 5V tolerant 3.3V LVTTL 1 TestEn Test Enable. Used only for manufacturing tests. Pull down for normal operation. I 2.5V CMOS w/pull-down RcvrInh Receiver Inhibit. Used only for manufacturing tests. Pull up for normal operation. I 5V tolerant 3.3V LVTTL 2 DrvrInh1:2 Driver Inhibit 1 and 2. Used only for manufacturing tests. Pull up for normal operation. I 5V tolerant 3.3V LVTTL 2 TmrClk An external clock input that can be used to clock the timers in the CPU core. I 5V tolerant 3.3V LVTTL 1 Trace Interface [TS1E]GPIO1 [TS2E]GPIO2 Even Trace execution status. To access this function, software must toggle a DCR bit or General Purpose I/O. O[I/O] 5V tolerant 3.3V LVTTL 1, 6 [TS1O]GPIO3 Odd Trace execution status. To access this function, software must toggle a DCR bit or General Purpose I/O. O[I/O] 5V tolerant 3.3V LVTTL 1 [TS2O]GPIO4 Odd Trace execution status. To access this function, software must toggle a DCR bit or General Purpose I/O. O[I/O] 5V tolerant 3.3V LVTTL 1, 6 Signal Functional Description (Part 7 of 8) Multiplexed signals are shown in brackets following the first signal name assigned to each multiplexed ball. Notes: 1. Receiver input has hysteresis. 2. Must pull up. See “Pull-Up and Pull-Down Resistors” on page 34 for recommended termination values. 3. Must pull down. See “Pull-Up and Pull-Down Resistors” on page 34 for recommended termination values. 4. If not used, must pull up. 5. If not used, must pull down. 6. Strapping input during reset; pull up or pull down as required. 7. Pull-up may be required. See “External Bus Control Signals” on page 34. Signal Name Description I/O Type Notes |