Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PPC405GP-3FE133CZ Fiches technique(PDF) 26 Page - Applied Micro Circuits Corporation

No de pièce PPC405GP-3FE133CZ
Description  Power PC 405GP Embedded Processor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMCC [Applied Micro Circuits Corporation]
Site Internet  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405GP-3FE133CZ Fiches technique(HTML) 26 Page - Applied Micro Circuits Corporation

Back Button PPC405GP-3FE133CZ Datasheet HTML 22Page - Applied Micro Circuits Corporation PPC405GP-3FE133CZ Datasheet HTML 23Page - Applied Micro Circuits Corporation PPC405GP-3FE133CZ Datasheet HTML 24Page - Applied Micro Circuits Corporation PPC405GP-3FE133CZ Datasheet HTML 25Page - Applied Micro Circuits Corporation PPC405GP-3FE133CZ Datasheet HTML 26Page - Applied Micro Circuits Corporation PPC405GP-3FE133CZ Datasheet HTML 27Page - Applied Micro Circuits Corporation PPC405GP-3FE133CZ Datasheet HTML 28Page - Applied Micro Circuits Corporation PPC405GP-3FE133CZ Datasheet HTML 29Page - Applied Micro Circuits Corporation PPC405GP-3FE133CZ Datasheet HTML 30Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 59 page
background image
405GP – Power PC 405GP Embedded Processor
26
AMCC
Revision 2.03 – September 7, 2007
Data Sheet
VDD
A13
D12
D13
K9
K15
L9
L10
L14
L15
L20
M10
M14
N4
N9
N10
N14
N15
P9
P15
Y11
Y12
AC11
E10
E11
E12
E15
E16
E17
K5
K22
L5
L22
M5
M22
R5
R22
T5
T22
U5
U22
AB10
AB11
AB12
AB15
AB16
AB17
Logic voltage
42
WE
AB16
AC16
SDRAM
37
Signals Listed Alphabetically (Part 10 of 10)
Signal Name
413-Ball
456-Ball
Interface Group
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59