Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PPC405GPR-3JB266 Fiches technique(PDF) 22 Page - Applied Micro Circuits Corporation

No de pièce PPC405GPR-3JB266
Description  Power PC 405GPr Embedded Processor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMCC [Applied Micro Circuits Corporation]
Site Internet  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405GPR-3JB266 Fiches technique(HTML) 22 Page - Applied Micro Circuits Corporation

Back Button PPC405GPR-3JB266 Datasheet HTML 18Page - Applied Micro Circuits Corporation PPC405GPR-3JB266 Datasheet HTML 19Page - Applied Micro Circuits Corporation PPC405GPR-3JB266 Datasheet HTML 20Page - Applied Micro Circuits Corporation PPC405GPR-3JB266 Datasheet HTML 21Page - Applied Micro Circuits Corporation PPC405GPR-3JB266 Datasheet HTML 22Page - Applied Micro Circuits Corporation PPC405GPR-3JB266 Datasheet HTML 23Page - Applied Micro Circuits Corporation PPC405GPR-3JB266 Datasheet HTML 24Page - Applied Micro Circuits Corporation PPC405GPR-3JB266 Datasheet HTML 25Page - Applied Micro Circuits Corporation PPC405GPR-3JB266 Datasheet HTML 26Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 57 page
background image
405GPr – Power PC 405GPr Embedded Processor
22
AMCC
Revision 2.04 – September 7, 2007
Data Sheet
PerCS0
PerCS1[GPIO10]
PerCS2[GPIO11]
PerCS3[GPIO12]
PerCS4[GPIO13]
PerCS5[GPIO14]
PerCS6[GPIO15]
PerCS7[GPIO16]
B3
C4
C5
A4
B9
B10
A9
B11
External Slave Peripheral
32
PerData0
PerData1
PerData2
PerData3
PerData4
PerData5
PerData6
PerData7
PerData8
PerData9
PerData10
PerData11
PerData12
PerData13
PerData14
PerData15
PerData16
PerData17
PerData18
PerData19
PerData20
PerData21
PerData22
PerData23
PerData24
PerData25
PerData26
PerData27
PerData28
PerData29
PerData30
PerData31
U4
U3
U1
T4
R2
P4
R4
P2
R1
P1
N3
N1
M1
N2
M3
M4
N4
M2
L3
L4
K1
L2
K3
J1
K4
J3
J2
J4
H3
G1
H2
H4
External Slave Peripheral
32
PerErr
B1
External Master Peripheral
34
PerOE
C2
External Slave Peripheral
32
PerPar0
PerPar1
PerPar2
PerPar3
D3
G4
G3
E1
External Slave Peripheral
32
PerReady
E3
External Slave Peripheral
32
PerR/W
C1
External Slave Peripheral
32
PerWBE0
PerWBE1
PerWBE2
PerWBE3
D2
E2
F4
D1
External Slave Peripheral
32
[PerWE]PCIINT
C23
External Slave Peripheral
32
PHYCol
AA25
Ethernet
31
PHYCrS
W23
Ethernet
31
PHYRxClk
AF20
Ethernet
31
PHYMDIO[EMCMDIO]
AD26
Ethernet
31
PHYRxD0
PHYRxD1
PHYRxD2
PHYRxD3
AE23
AF23
AC20
AD20
Ethernet
31
PHYRxDV
V24
Ethernet
31
Signals Listed Alphabetically (Sheet 7 of 9)
Signal Name
Ball
Interface Group
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57