Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PPC405GPR-3JB266 Fiches technique(PDF) 20 Page - Applied Micro Circuits Corporation

No de pièce PPC405GPR-3JB266
Description  Power PC 405GPr Embedded Processor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMCC [Applied Micro Circuits Corporation]
Site Internet  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405GPR-3JB266 Fiches technique(HTML) 20 Page - Applied Micro Circuits Corporation

Back Button PPC405GPR-3JB266 Datasheet HTML 16Page - Applied Micro Circuits Corporation PPC405GPR-3JB266 Datasheet HTML 17Page - Applied Micro Circuits Corporation PPC405GPR-3JB266 Datasheet HTML 18Page - Applied Micro Circuits Corporation PPC405GPR-3JB266 Datasheet HTML 19Page - Applied Micro Circuits Corporation PPC405GPR-3JB266 Datasheet HTML 20Page - Applied Micro Circuits Corporation PPC405GPR-3JB266 Datasheet HTML 21Page - Applied Micro Circuits Corporation PPC405GPR-3JB266 Datasheet HTML 22Page - Applied Micro Circuits Corporation PPC405GPR-3JB266 Datasheet HTML 23Page - Applied Micro Circuits Corporation PPC405GPR-3JB266 Datasheet HTML 24Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
405GPr – Power PC 405GPr Embedded Processor
20
AMCC
Revision 2.04 – September 7, 2007
Data Sheet
OVDD
B17
C13
E6
E7
E8
E19
E20
E21
F5
F22
G5
G22
H5
H22
K2
N24
P3
U25
W5
W22
Y5
Y22
AA5
AA22
AB6
AB7
AB8
AB19
AB20
AB21
AD14
AE10
Output driver voltage
37
PCIAD0
PCIAD1
PCIAD2
PCIAD3
PCIAD4
PCIAD5
PCIAD6
PCIAD7
PCIAD8
PCIAD9
PCIAD10
PCIAD11
PCIAD12
PCIAD13
PCIAD14
PCIAD15
PCIAD16
PCIAD17
PCIAD18
PCIAD19
PCIAD20
PCIAD21
PCIAD22
PCIAD23
PCIAD24
PCIAD25
PCIAD26
PCIAD27
PCIAD28
PCIAD29
PCIAD30
PCIAD31
A17
B16
C17
A18
D17
C18
B18
A20
B21
A23
D21
B22
B23
C22
C26
F25
K26
L23
M25
M23
N25
M26
N26
P24
R24
R23
P23
R25
T24
U26
T25
V26
PCI
Note: PCIAD31 is the most significant bit (msb) on this bus.
30
PCIC0[BE0]
PCIC1[BE1]
PCIC2[BE2]
PCIC3[BE3]
D19
F24
K24
R26
PCI
30
Signals Listed Alphabetically (Sheet 5 of 9)
Signal Name
Ball
Interface Group
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57