Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

440SP Fiches technique(PDF) 41 Page - Applied Micro Circuits Corporation

No de pièce 440SP
Description  PowerPC 440SP Embedded Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMCC [Applied Micro Circuits Corporation]
Site Internet  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440SP Fiches technique(HTML) 41 Page - Applied Micro Circuits Corporation

Back Button 440SP Datasheet HTML 37Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 38Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 39Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 40Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 41Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 42Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 43Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 44Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 45Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 85 page
background image
PowerPC 440SP Embedded Processor
Revision 1.23 - Sept 26, 2006
AMCC Proprietary
41
Data Sheet
PerData0
H05
External Slave Peripheral
59
PerData1
J08
PerData2
H07
PerData3
D04
PerData4
G08
PerData5
E06
PerData6
G06
PerData7
J06
PerErr
B03
PerOE
F12
PerPar0
C02
PerReady [GPIO08] [TrcES4]
G12
PerR/W
H06
PerWE
K10
PSRO
M12
PSRO
62
PSRO
M17
PSRO
U12
PSRO
U17
RAS
AH24
DDR SDRAM
58
Table 3. Signals Listed Alphabetically (Sheet 25 of 30)
Signal Name
Ball
Interface Group
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85