Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

440SP Fiches technique(PDF) 20 Page - Applied Micro Circuits Corporation

No de pièce 440SP
Description  PowerPC 440SP Embedded Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMCC [Applied Micro Circuits Corporation]
Site Internet  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440SP Fiches technique(HTML) 20 Page - Applied Micro Circuits Corporation

Back Button 440SP Datasheet HTML 16Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 17Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 18Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 19Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 20Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 21Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 22Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 23Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 24Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 85 page
background image
PowerPC 440SP Embedded Processor
20
AMCC Proprietary
Revision 1.23 - Sept 26, 2006
Data Sheet
EMCCD
D02
Ethernet
59
EMCCrS
E03
EMCMDClk
D01
EMCMDIO
E04
EMCRefClk
D12
EMCRxClk
D03
EMCRxD0
F04
EMCRxD1
G04
EMCRxD2
F03
EMCRxD3
G01
EMCRxD4
H03
EMCRxD5
H02
EMCRxD6
F05
EMCRxD7
F06
EMCRxDV
F07
EMCRxErr
J01
EMCTxClk
E01
EMCGTxClk
B08
EMCTxD0
F02
EMCTxD1
F01
EMCTxD2
H01
EMCTxD3
G03
EMCTxD4
H04
EMCTxD5
K04
EMCTxD6
K03
EMCTxD7
A02
EMCTxEn
C04
EMCTxErr
A03
ExtReset
H11
External Slave Peripheral
59
Table 3. Signals Listed Alphabetically (Sheet 4 of 30)
Signal Name
Ball
Interface Group
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85