| Moteur de recherche de fiches techniques de composants électroniques |
|
405EX Fiches technique(PDF) 30 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
405EX Fiches technique(HTML) 30 Page - Applied Micro Circuits Corporation |
|
30 / 67 page ![]() PPC405EX – PowerPC 405EX Embedded Processor 30 AMCC Proprietary Revision 1.09 - August 21, 2007 Preliminary Data Sheet In the following table, only the default signal name is shown for each ball. Shared balls are marked with an asterisk (*). To determine what signals or functions are shared on those balls, look up the default signal name in “Signals Listed Alphabetically” on page 17. The following table lists the signals by ball assignment. Table 4. Signals Listed by Ball Assignment (Sheet 1 of 7) Ball Signal Name Ball Signal Name Ball Signal Name Ball Signal Name A01 GND B01 GND C01 GND D01 GPIO31 * A02 Halt B02 GND C02 GND D02 GPIO30 * A03 GPIO24 * B03 GPIO27 * C03 GND D03 GPIO29 * A04 PerData31 * B04 GPIO03 * C04 GPIO25 * D04 GND A05 PerData27 * B05 GPIO22 * C05 GPIO23 * D05 OVDD A06 PerData29 * B06 PerData26 * C06 PerData30 * D06 TmrClk A07 PerData24 * B07 PerData25 * C07 USB2Clk D07 OVDD A08 GND B08 GPIO13 * C08 PerData28 * D08 OVDD A09 PSROUser B09 GPIO05 * C09 GPIO02 * D09 GND A10 GPIO14 * B10 GPIO15 * C10 SysClk D10 VDD A11 SAGND B11 PerReady C11 GPIO12 * D11 GPIO07 * A12 SAVDD B12 GPIO01 * C12 GPIO06 * D12 EOVDD A13 GND B13 PerData15 * C13 GPIO04 * D13 OVDD A14 PerData13 * B14 PerData12 * C14 PerData14 * D14 GND A15 PerData11 * B15 PerData09 * C15 PerData10 * D15 VDD A16 GPIO00 * B16 PerData07 * C16 PerData06 * D16 PerData04 * A17 PerData08 * B17 PerData05 * C17 PerData02 * D17 VDD A18 PerData03 * B18 PerData01 * C18 PerData00 * D18 GND A19 GND B19 ExtReset C19 PerErr D19 OVDD A20 PerClk B20 GPIO10 * C20 GPIO08 * D20 OVDD A21 GPIO09 * B21 PerCS0 * C21 PerWBE1 D21 PerBLast A22 PerWBE3 B22 PerWBE2 C22 PerAddr31 D22 OVDD A23 PerWBE0 B23 PerRW C23 PerAddr30 D23 GND A24 PerOE B24 PerAddr29 C24 GND D24 PerAddr26 A25 PerAddr28 B25 GND C25 PerAddr25 D25 PerAddr22 A26 GND B26 PerAddr27 C26 PerAddr21 D26 PerAddr19 |