| Moteur de recherche de fiches techniques de composants électroniques |
|
DMF Fiches technique(PDF) 7 Page - Arista Networks, Inc |
|
|
|||||||||||||||||||||||||||||
DMF Fiches technique(HTML) 7 Page - Arista Networks, Inc |
|
7 / 14 page ![]() Datasheet arista.com arista.com arista.com arista.com 7 Feature Description / Benefit Multi-DC/Multi-Site Tunneling (Tap Every Location) • Centralized monitoring of remote DCs/POPs/branches/sites (across L3 WAN). • Support tools located in a single tool farm in a centralized DC. • Replication of packets across tunnels. • Tunneling at 1G, 10G, 25G, 40G,100G and 400G bandwidths. • Rate limiting of monitored traffic before entering L3 WAN. • Tunneling enabled on a per-switch basis. Security and Controlled Access (Monitoring as a Service) • TACACS+, RADIUS-based authentication and authorization. • Role-based access control (RBAC) for administratively defined access control per user. • Multi-tenancy for advanced overlapping policies across multiple user groups to monitor the traffic from the same tap interface to various tool interfaces. • Tenant-aware Web-based management GUI, CLI, and REST API. • Self-service monitoring across multiple groups/business units using the same underlying infrastructure. Fabric wide CRC check (Graphical User Interface) Allow/Disallow bad CRC packets in the production network to reach the tools for analysis. Rich Web-Based GUI • The dashboard shows the resources used by the fabric as well as a bird’s eye-view of the topology. • A highly attractive as well as functional GUI topology view that shows: • All the switches/ports in the fabric. • Paths taken across the fabric on a per-policy basis. • An intelligent context-sensitive properties panel triggered by a mouse-over on a topology object. • Customizable tabular views that persist according to user preferences. • Various table export options like JSON and CSV are available throughout the GUI. • Presents a highly intuitive, simplified management and operations workflow. Switch Platform Support Arista Switch Platform Support General-purpose monitoring Support for general-purpose monitoring with Arista 10G/25G and 40G/100G platforms: • 24x10G + 2x100G • 32x10G + 2x100G • 48x25G + 8x100G • 48x25G + 12x100G • 96x25G + 8x100G • 32x100G + 2x10G • 64x100G + 2x10G Mission-critical monitoring Support for mission-critical monitoring with Arista deep-buffer, large TCAM 10G, 25G, 40G/100G and 400G platforms: • 24x10G + 24x25G + 6x100G • 24x10G + 2x100G • 40x10G + 2x200G • 48x10G + 6x100G • 40x25G + 6x100G • 48x25G + 6x100G • 48x25G + 8x100G |