| Moteur de recherche de fiches techniques de composants électroniques |
|
DMF Fiches technique(PDF) 5 Page - Arista Networks, Inc |
|
|
|||||||||||||||||||||||||||||
DMF Fiches technique(HTML) 5 Page - Arista Networks, Inc |
|
5 / 14 page ![]() Datasheet arista.com arista.com arista.com arista.com 5 Feature Description / Benefit Specialized Packet Functions (Contd.) • IPFIX/Netflow/sFlow Generation Function is also supported. • Flow-diff calculates latency (based on PTP timestamps) between any two specified points in the network. • L2GRE tunnel packet decapsulation. • VLAN tag stripping—Useful for stripping RSPAN tag. • VLAN tag push—Useful for filter interface tagging. • Match on inner packet post stripping. • UDP Replication – Supports replication of UDP packets like NetFlow, IPFIX, sFlow, Syslog, and SNMP and sends them to multiple, different collectors • Additional specialized packet functions (like SSL decryption) can be realized by service chaining 3rd party NPBs as service nodes Virtual Workload Monitoring (VM) • Support scalable, agentless monitoring of Virtual Machines. • Support centralized, dynamic VM monitoring. DMF Recorder Node • Enables Traffic Capture for Cloud-Native Network Defense & Rapid Remediation at Scale • Leverages easy-to-use, scale-out, high-performance industry-standard x86 based appliances • Integrated/centralized configuration and operational workflows via DMF Controller • Feature-rich capturing, querying, and replay functions • Supports L4 payload file extraction from recorded packets • Supports packet deduplication on query • Supports PTP / NTP based timestamping • Programmable and scriptable via REST APIs DMF Analytics Node • Leverages easy-to-use, scale-out, high-performance industry-standard x86 based appliances. • Enables pervasive visibility for real-time and historical data delivering a Network Time machine. • Machine Learning and Application Dependency maps provide deeper insights and rapid remediation. • Supports various health/capacity planning/troubleshooting dashboards. • Supports network performance views like Top Talkers, Top Apps, TCP connection/ latency tracking. • Supports Security views identifying rogue DHCP/DNS servers, identifies IP/MAC spoofing. • Support various host views such as New Hosts seen and what OS is on the hosts. • Supports automatic alerting on exceeding various thresholds such as link utilization. • Supports sFlow/NetFlow collection to provide real-time visibility, including tunneled or encapsulated traffic, enable detection of security attacks like DoS/DDoS and support sub-second triggering. • Supports integration with Infoblox IPAM to import extensible attributes • Supports ingestion of Kafka topics |