| Moteur de recherche de fiches techniques de composants électroniques |
|
FAN-7002-R Fiches technique(PDF) 50 Page - Arista Networks, Inc |
|
|
|||||||||||||||||||||||||||||
FAN-7002-R Fiches technique(HTML) 50 Page - Arista Networks, Inc |
|
50 / 66 page ![]() B.2.2 Inserting Fan-only Modules The fabric module insertion process is the inverse of the removal procedure. These instructions describe the method of inserting the fabric module into a chassis. 1. Grasping the module by its frame, place the module chassis railing that corresponds to the slot where it is to be placed. The lock-levers should be in the closed position. 2. Slide the module into the chassis until it is within three to four inches of being fully inserted. 3. Extend the lock-levers towards the top and bottom of the chassis. 4. Continue inserting the module into the chassis. 5. Return the lock-levers to the closed position, securing the module to the chassis. 6. Secure each lock-lever handle to the module by inserting the release screw into the module body and rotating clockwise. 46 |