Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN-7002-R Fiches technique(PDF) 46 Page - Arista Networks, Inc

No de pièce FAN-7002-R
Description  Quick Start Guide 7300 Series Modular Data Center Switches
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ARISTA [Arista Networks, Inc]
Site Internet  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7002-R Fiches technique(HTML) 46 Page - Arista Networks, Inc

Back Button FAN-7002-R Datasheet HTML 42Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 43Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 44Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 45Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 46Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 47Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 48Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 49Page - Arista Networks, Inc FAN-7002-R Datasheet HTML 50Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 66 page
background image
1
Metal covering
Part Numbers
Table 16: Fabric and Fan-only Module Part Numbers lists the part numbers of Fabric and Fan-only
Modules.
Table 16: Fabric and Fan-only Module Part Numbers
Switch Model
Fabric Module
Fan-only Module
DCS-7304 (Air Inlet)
DCS-7304 (Air Exit)
DCS-7304X-FM-R
DCS-7304X-FM-F
DCS-7304-S-FAN-R
DCS-7304-S-FAN-F
DCS-7308 (Air Inlet)
DCS-7308 (Air Exit)
DCS-7308X-FM-F
DCS-7308X-FM-R
DCS-7308-S-FAN-R
DCS-7308-S-FAN-F
DCS-7316 (Air Inlet)
DCS-7316 (Air Exit)
DCS-7316X-FM-F
DCS-7316X-FM-R
Not Available
Not Available
DCS-7324 (Air Exit Only)
DCS-7324-FM-F
Not Supported
DCS-7328 (Air Exit Only
DCS-7328-FM-F
Not Supported
B.1
Handling Fabric Modules
Figure 32: Locking Mechanism: DCS-7316 Fabric depicts a DCS-7316 chassis with the inner two
fabric modules installed. Lock-levers are shown in the open and closed position, along with the button
that releases them into the open position. The lock-levers are in the closed position when the switch is
in service.
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66