| Moteur de recherche de fiches techniques de composants électroniques |
|
504 Fiches technique(PDF) 6 Page - France Joint |
|
|
|||||||||||||||||||||||||||||
504 Fiches technique(HTML) 6 Page - France Joint |
|
6 / 6 page ![]() FRANCE JOINT SAS Zone Artisanale Le Mortier - B.P. 50009 - Cugand - 85613 Montaigu Cedex - France Ph. +33 (0)2 51 42 13 76 - Fax +33 (0)2 51 43 61 14 - Email: contact@francejoint.fr - Website: www.francejoint.com Part number Bore diameter ØD1 H9 Groove diameter Ød1 h9 Groove width L1 0/+0.20 500.370 370.00 345.50 8.10 502.370 370.00 349.00 8.10 504.380 380.00 352.00 9.50 500.380 380.00 355.50 8.10 502.380 380.00 359.00 8.10 504.390 390.00 362.00 9.50 500.390 390.00 365.50 8.10 502.390 390.00 369.00 8.10 504.400 400.00 372.00 9.50 500.400 400.00 375.50 8.10 502.400 400.00 379.00 8.10 504.410 410.00 382.00 9.50 500.410 410.00 385.50 8.10 502.410 410.00 389.00 8.10 504.420 420.00 392.00 9.50 500.420 420.00 395.50 8.10 502.420 420.00 399.00 8.10 504.430 430.00 402.00 9.50 500.430 430.00 405.50 8.10 502.430 430.00 409.00 8.10 504.440 440.00 412.00 9.50 Part number Bore diameter ØD1 H9 Groove diameter Ød1 h9 Groove width L1 0/+0.20 500.440 440.00 415.50 8.10 502.440 440.00 419.00 8.10 504.450 450.00 422.00 9.50 500.450 450.00 425.50 8.10 502.450 450.00 429.00 8.10 504.460 460.00 432.00 9.50 500.460 460.00 435.50 8.10 502.460 460.00 439.00 8.10 504.470 470.00 442.00 9.50 500.470 470.00 445.50 8.10 502.470 470.00 449.00 8.10 504.480 480.00 452.00 9.50 500.480 480.00 455.50 8.10 502.480 480.00 459.00 8.10 504.490 490.00 462.00 9.50 500.490 490.00 465.50 8.10 502.490 490.00 469.00 8.10 504.500 500.00 472.00 9.50 500.500 500.00 475.50 8.10 502.500 500.00 479.00 8.10 The figures highlighted in bold correspond to the dimensions for standard ISO 7425/1, with the bore diameters in line with standard ISO 3320. Other intermediate sizes can be provided. HYDRAULIC SEALS | PISTON SEALS | BECA 500 - 502 - 504 |