Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

504 Fiches technique(PDF) 5 Page - France Joint

No de pièce 504
Description  PISTON SEALS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FRANCEJOINT [France Joint]
Site Internet  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

504 Fiches technique(HTML) 5 Page - France Joint

  504 Datasheet HTML 1Page - France Joint 504 Datasheet HTML 2Page - France Joint 504 Datasheet HTML 3Page - France Joint 504 Datasheet HTML 4Page - France Joint 504 Datasheet HTML 5Page - France Joint 504 Datasheet HTML 6Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.francejoint.com
Part number
Bore
diameter
ØD1 H9
Groove
diameter
Ød1 h9
Groove
width
L1 0/+0.20
504.105
105.00
84.00
8.10
500.105
105.00
89.50
6.30
502.105
105.00
94.00
4.20
504.108
108.00
87.00
8.10
500.108
108.00
92.50
6.30
502.108
108.00
97.00
4.20
504.110
110.00
89.00
8.10
500.110
110.00
94.50
6.30
502.110
110.00
99.00
4.20
504.115
115.00
94.00
8.10
500.115
115.00
99.50
6.30
502.115
115.00
104.00
4.20
504.120
120.00
99.00
8.10
500.120
120.00
104.50
6.30
502.120
120.00
109.00
4.20
504.125
125.00
104.00
8.10
500.125
125.00
109.50
6.30
502.125
125.00
114.00
4.20
504.127
127.00
106.00
8.10
500.127
127.00
111.50
6.30
502.127
127.00
116.00
4.20
504.130
130.00
109.00
8.10
500.130
130.00
114.50
6.30
502.130
130.00
119.00
4.20
504.132
132.00
111.00
8.10
500.132
132.00
116.50
6.30
502.132
132.00
121.00
4.20
504.135
135.00
110.50
8.10
500.135
135.00
114.00
8.10
502.135
135.00
119.50
6.30
504.140
140.00
115.50
8.10
500.140
140.00
119.00
8.10
502.140
140.00
124.50
6.30
504.145
145.00
120.50
8.10
500.145
145.00
124.00
8.10
502.145
145.00
129.50
6.30
504.150
150.00
125.50
8.10
500.150
150.00
129.00
8.10
502.150
150.00
134.50
6.30
504.155
155.00
130.50
8.10
500.155
155.00
134.00
8.10
502.155
155.00
139.50
6.30
504.160
160.00
135.50
8.10
500.160
160.00
139.00
8.10
502.160
160.00
144.50
6.30
504.165
165.00
140.50
8.10
500.165
165.00
144.00
8.10
502.165
165.00
149.50
6.30
504.170
170.00
145.50
8.10
500.170
170.00
149.00
8.10
502.170
170.00
154.50
6.30
504.175
175.00
150.50
8.10
500.175
175.00
154.00
8.10
502.175
175.00
159.50
6.30
504.180
180.00
155.50
8.10
500.180
180.00
159.00
8.10
502.180
180.00
164.50
6.30
504.185
185.00
160.50
8.10
500.185
185.00
164.00
8.10
502.185
185.00
169.50
6.30
504.190
190.00
165.50
8.10
500.190
190.00
169.00
8.10
Part number
Bore
diameter
ØD1 H9
Groove
diameter
Ød1 h9
Groove
width
L1 0/+0.20
502.190
190.00
174.50
6.30
504.195
195.00
170.50
8.10
500.195
195.00
174.00
8.10
502.195
195.00
179.50
6.30
504.200
200.00
175.50
8.10
500.200
200.00
179.00
8.10
502.200
200.00
184.50
6.30
504.205
205.00
180.50
8.10
500.205
205.00
184.00
8.10
502.205
205.00
189.50
6.30
504.210
210.00
185.50
8.10
500.210
210.00
189.00
8.10
502.210
210.00
194.50
6.30
504.215
215.00
190.50
8.10
500.215
215.00
194.00
8.10
502.215
215.00
199.50
6.30
504.220
220.00
195.50
8.10
500.220
220.00
199.00
8.10
502.220
220.00
204.50
6.30
504.230
230.00
205.50
8.10
500.230
230.00
209.00
8.10
502.230
230.00
214.50
6.30
504.240
240.00
215.50
8.10
500.240
240.00
219.00
8.10
502.240
240.00
224.50
6.30
504.250
250.00
225.50
8.10
500.250
250.00
229.00
8.10
502.250
250.00
234.50
6.30
504.260
260.00
235.50
8.10
500.260
260.00
239.00
8.10
502.260
260.00
244.50
6.30
504.270
270.00
245.50
8.10
500.270
270.00
249.00
8.10
502.270
270.00
254.50
6.30
504.280
280.00
255.50
8.10
500.280
280.00
259.00
8.10
502.280
280.00
264.50
6.30
504.290
290.00
265.50
8.10
500.290
290.00
269.00
8.10
502.290
290.00
274.50
6.30
504.300
300.00
275.50
8.10
500.300
300.00
279.00
8.10
502.300
300.00
284.50
6.30
504.310
310.00
285.50
8.10
500.310
310.00
289.00
8.10
502.310
310.00
294.50
6.30
504.320
320.00
295.50
8.10
500.320
320.00
299.00
8.10
502.320
320.00
304.50
6.30
504.330
330.00
302.00
9.50
500.330
330.00
305.50
8.10
502.330
330.00
309.00
8.10
504.340
340.00
312.00
9.50
500.340
340.00
315.50
8.10
502.340
340.00
319.00
8.10
504.350
350.00
322.00
9.50
500.350
350.00
325.50
8.10
502.350
350.00
329.00
8.10
504.360
360.00
332.00
9.50
500.360
360.00
335.50
8.10
502.360
360.00
339.00
8.10
504.370
370.00
342.00
9.50
HYDRAULIC SEALS | PISTON SEALS |
BECA 500 - 502 - 504



Html Pages

1 2 3 4 5 6