Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KB847AC Fiches technique(PDF) 8 Page - Kingbright Corporation

No de pièce KB847AC
Description  GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KINGBRIGHT [Kingbright Corporation]
Site Internet  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KB847AC Fiches technique(HTML) 8 Page - Kingbright Corporation

  KB847AC Datasheet HTML 1Page - Kingbright Corporation KB847AC Datasheet HTML 2Page - Kingbright Corporation KB847AC Datasheet HTML 3Page - Kingbright Corporation KB847AC Datasheet HTML 4Page - Kingbright Corporation KB847AC Datasheet HTML 5Page - Kingbright Corporation KB847AC Datasheet HTML 6Page - Kingbright Corporation KB847AC Datasheet HTML 7Page - Kingbright Corporation KB847AC Datasheet HTML 8Page - Kingbright Corporation KB847AC Datasheet HTML 9Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SPEC NO: DSAD1552
REV NO: V.7
DATE: NOV/212005
PAGE: 8 OF 9
APPROVED: J. Lu
CHECKED: Tracy Deng
DRAWN: Y.W.WANG
ERP:1205000027
PHOTOCOUPLER
P/N: KB847
Dimension of Carton
TOLERANCE : ±0.4[±0.012] UNLESS OTHERWISE NOTED.
Dimension of Tube
Unit:mm
*ORDERING INFORMATION
Part Number
Package
Package Style
KB847
16-pin DIP
25pcs/each tube



Html Pages

1 2 3 4 5 6 7 8 9