Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KB847AC Fiches technique(PDF) 6 Page - Kingbright Corporation

No de pièce KB847AC
Description  GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KINGBRIGHT [Kingbright Corporation]
Site Internet  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KB847AC Fiches technique(HTML) 6 Page - Kingbright Corporation

  KB847AC Datasheet HTML 1Page - Kingbright Corporation KB847AC Datasheet HTML 2Page - Kingbright Corporation KB847AC Datasheet HTML 3Page - Kingbright Corporation KB847AC Datasheet HTML 4Page - Kingbright Corporation KB847AC Datasheet HTML 5Page - Kingbright Corporation KB847AC Datasheet HTML 6Page - Kingbright Corporation KB847AC Datasheet HTML 7Page - Kingbright Corporation KB847AC Datasheet HTML 8Page - Kingbright Corporation KB847AC Datasheet HTML 9Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SPEC NO: DSAD1552
REV NO: V.7
DATE: NOV/212005
PAGE: 6 OF 9
APPROVED: J. Lu
CHECKED: Tracy Deng
DRAWN: Y.W.WANG
ERP:1205000027
PHOTOCOUPLER
P/N: KB847
Fig. 11 Collector-emitter Saturation
Voltage vs. Forward Current
****NOTES ON HANDLING
1.Recommended soldering conditions (Dip soldering)
(1) Dip soldering
Temperature
260
°C or below (molten solder temperature)
Time
Less than 10 seconds.
Cycle
One cycle allowed to be dipped in solder including plastic mold portion.
Flux
Rosin flux containing small amount of chorine
(The flux with a maximum chlorine content of 0.2 Wt % is recommended.)
(2) Cautions
Fluxes
Avoid removing the residual flux with freon-based and chlorine-based cleaning solvent.
2.Cautions regarding noise
Be aware that power is suddenly into the componment any surge current may cause damage happen,
even if the voltage is within the absolute maximum ratings.



Html Pages

1 2 3 4 5 6 7 8 9