Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ABX00053 Fiches technique(PDF) 12 Page - Arduino

No de pièce ABX00053
Description  Arduino® Nano RP2040 Connect
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ARDUINO [Arduino]
Site Internet  https://www.arduino.cc/
Logo ARDUINO - Arduino

ABX00053 Fiches technique(HTML) 12 Page - Arduino

Back Button ABX00053_V01 Datasheet HTML 8Page - Arduino ABX00053_V01 Datasheet HTML 9Page - Arduino ABX00053_V01 Datasheet HTML 10Page - Arduino ABX00053_V01 Datasheet HTML 11Page - Arduino ABX00053_V01 Datasheet HTML 12Page - Arduino ABX00053_V01 Datasheet HTML 13Page - Arduino ABX00053_V01 Datasheet HTML 14Page - Arduino ABX00053_V01 Datasheet HTML 15Page - Arduino ABX00053_V01 Datasheet HTML 16Page - Arduino Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Arduino® Nano RP2040 Connect
12 / 19
Arduino® Nano RP2040 Connect
Modified: 15/11/2024
3.9 RGB LED
The RGB LED (DL3) is a common anode LED that is connected to the Nina W102 module. The LED are off when the
digital state is HIGH and on when the digital state is LOW.
3.10 Power Tree
Power Tree of Arduino Nano RP2040 Connect Topology
The Nano RP2040 Connect can be powered by either the Micro USB port (J1) or alternatively via VIN on JP2. An
onboard buck converter provides 3V3 to the RP2040 microcontroller and all other peripherals. Additionally, the
RP2040 also has an internal 1V8 regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19