Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ABX00053 Fiches technique(PDF) 8 Page - Arduino

No de pièce ABX00053
Description  Arduino® Nano RP2040 Connect
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ARDUINO [Arduino]
Site Internet  https://www.arduino.cc/
Logo ARDUINO - Arduino

ABX00053 Fiches technique(HTML) 8 Page - Arduino

Back Button ABX00053_V01 Datasheet HTML 4Page - Arduino ABX00053_V01 Datasheet HTML 5Page - Arduino ABX00053_V01 Datasheet HTML 6Page - Arduino ABX00053_V01 Datasheet HTML 7Page - Arduino ABX00053_V01 Datasheet HTML 8Page - Arduino ABX00053_V01 Datasheet HTML 9Page - Arduino ABX00053_V01 Datasheet HTML 10Page - Arduino ABX00053_V01 Datasheet HTML 11Page - Arduino ABX00053_V01 Datasheet HTML 12Page - Arduino Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Arduino® Nano RP2040 Connect
8 / 19
Arduino® Nano RP2040 Connect
Modified: 15/11/2024
2.2 Power Consumption
Symbol
Description
Min
Typ
Max
Unit
PBL
Power consumption with busy loop
TBC
mW
PLP
Power consumption in low power mode
TBC
mW
PMAX
Maximum Power Consumption
TBC
mW
3 Functional Overview
3.1 Block Diagram
Block Diagram of Arduino Nano RP2040 Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19