Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SRI512W4 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce SRI512W4
Description  13.56-MHz Short-range Contactless Memory Chip with 512-bit EEPROM and Anti-Collision functions
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRI512W4 Fiches technique(HTML) 4 Page - STMicroelectronics

  SRI512W4 Datasheet HTML 1Page - STMicroelectronics SRI512W4 Datasheet HTML 2Page - STMicroelectronics SRI512W4 Datasheet HTML 3Page - STMicroelectronics SRI512W4 Datasheet HTML 4Page - STMicroelectronics SRI512W4 Datasheet HTML 5Page - STMicroelectronics SRI512W4 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Memory mapping
SRI512
4/6
Memory mapping
The SRI512 is organized as 16 blocks of 32 bits as shown in Table 2. All blocks are
accessible by the READ_BLOCK command. Depending on the write access, they can be
updated by the WRITE_BLOCK command. A WRITE_BLOCK updates all the 32 bits of the
block.
Table 2.
SRI512 memory mapping
Block
Addr
Msb
32 bits Block
Lsb
b31
b16
b15
b14
b8 b7
b0
Description
0
32 bits Boolean Area (option: User Area)
Resettable OTP
bits (option:
lockable
EEPROM)
1
32 bits Boolean Area (option: User Area)
2
32 bits Boolean Area (option: User Area)
3
32 bits Boolean Area (option: User Area)
4
32 bits Boolean Area (option: User Area)
5
32 bits binary counter
Count down
Counter
6
32 bits binary counter
7User Area
Lockable
EEPROM
8User Area
9User Area
10
User Area
11
User Area
12
User Area
13
User Area
14
User Area
15
User Area
255
OTP_Lock_Reg
OTP_
Config
ST Reserved
Fixed Chip_ID
(Option)
System OTP bits
UID0
64 bits UID Area
ROM
UID1



Html Pages

1 2 3 4 5 6