Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SRI512W4 Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce SRI512W4
Description  13.56-MHz Short-range Contactless Memory Chip with 512-bit EEPROM and Anti-Collision functions
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRI512W4 Fiches technique(HTML) 3 Page - STMicroelectronics

  SRI512W4 Datasheet HTML 1Page - STMicroelectronics SRI512W4 Datasheet HTML 2Page - STMicroelectronics SRI512W4 Datasheet HTML 3Page - STMicroelectronics SRI512W4 Datasheet HTML 4Page - STMicroelectronics SRI512W4 Datasheet HTML 5Page - STMicroelectronics SRI512W4 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SRI512
Summary description
3/6
The SRI512 contactless EEPROM can be randomly read and written in block mode (each
block containing 32 bits). The instruction set includes the following nine commands:
●
READ_BLOCK
●
WRITE_BLOCK
●
INITIATE
●
PCALL16
●
SLOT_MARKER
●
SELECT
●
COMPLETION
●
RESET_TO_INVENTORY
●
GET_UID
The SRI512 memory is organized in three areas. The first area is a resettable OTP (one-
time programmable) area in which bits can only be switched from 1 to 0. Using a special
command, it is possible to erase all bits of this area to 1. Optionally, this area can be set as
an EEPROM area where all blocks behave as User blocks. This option is set by ST on
request.
The second area provides two 32-bit binary counters that can only be decremented from
FFFFFFFFh to 00000000h, and gives a capacity of 4,294,967,296 units per counter.
The last area is the EEPROM memory. It is accessible by block of 32 bits and includes an
auto-erase cycle during each WRITE_BLOCK command.
Figure 2.
Die Floor Plan
AI09055
AC1
AC0



Html Pages

1 2 3 4 5 6