Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

240128-06-SL-R-ST-LED-GY Fiches technique(PDF) 20 Page - List of Unclassifed Manufacturers

No de pièce 240128-06-SL-R-ST-LED-GY
Description  240 x 128 Dot Graphic LCD Assembly With T6963C Toshiba Graphic LCD Controller EL Panel & LED Backlight Assembly
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

240128-06-SL-R-ST-LED-GY Fiches technique(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button 240128-06-SL-R-ST-LED-GY Datasheet HTML 16Page - List of Unclassifed Manufacturers 240128-06-SL-R-ST-LED-GY Datasheet HTML 17Page - List of Unclassifed Manufacturers 240128-06-SL-R-ST-LED-GY Datasheet HTML 18Page - List of Unclassifed Manufacturers 240128-06-SL-R-ST-LED-GY Datasheet HTML 19Page - List of Unclassifed Manufacturers 240128-06-SL-R-ST-LED-GY Datasheet HTML 20Page - List of Unclassifed Manufacturers 240128-06-SL-R-ST-LED-GY Datasheet HTML 21Page - List of Unclassifed Manufacturers 240128-06-SL-R-ST-LED-GY Datasheet HTML 22Page - List of Unclassifed Manufacturers 240128-06-SL-R-ST-LED-GY Datasheet HTML 23Page - List of Unclassifed Manufacturers 240128-06-SL-R-ST-LED-GY Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 240128-06
Pacific Display Devices
03.07.2006
20
● Display Mode
Code
Function
Operand
10010000
Display off
---
1001xx10
Cursor on, blink off
---
1001xx11
Cursor on, blink on
---
100101xx
Text on, graphic off
---
100110xx
Text off, graphic on
---
100111xx
Text on, graphic on
---
1
0
0
1
d3
d2
d1
d0
Cursor blink
on : 1, off : 0
Cursor display
on : 1, off : 0
Text display
on : 1, off : 0
Graphic display
on : 1, off : 0
Note : It is necessary to turn on "Text display" and "Graphic display" in following case.
1) Combination of text/graphic display
2) Attribute function
● Cursor Pattern Select
Code
Function
Operand
10100000
1 line cursor
---
10100001
2 lines cursor
---
10100010
3 lines cursor
---
10100011
4 lines cursor
---
10100100
5 lines cursor
---
10100101
6 lines cursor
---
10100110
7 lines cursor
---
10100111
8 lines cursor
---
When cursor display is ON, this command selects the cursor pattern from 1 line to 8 lines. The cursor address is
defined by cursor pointer set command.
1 line cursor
2 lines cursor
8 lines cursor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32