Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

240128-06-SL-R-ST-LED-GY Fiches technique(PDF) 16 Page - List of Unclassifed Manufacturers

No de pièce 240128-06-SL-R-ST-LED-GY
Description  240 x 128 Dot Graphic LCD Assembly With T6963C Toshiba Graphic LCD Controller EL Panel & LED Backlight Assembly
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

240128-06-SL-R-ST-LED-GY Fiches technique(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button 240128-06-SL-R-ST-LED-GY Datasheet HTML 12Page - List of Unclassifed Manufacturers 240128-06-SL-R-ST-LED-GY Datasheet HTML 13Page - List of Unclassifed Manufacturers 240128-06-SL-R-ST-LED-GY Datasheet HTML 14Page - List of Unclassifed Manufacturers 240128-06-SL-R-ST-LED-GY Datasheet HTML 15Page - List of Unclassifed Manufacturers 240128-06-SL-R-ST-LED-GY Datasheet HTML 16Page - List of Unclassifed Manufacturers 240128-06-SL-R-ST-LED-GY Datasheet HTML 17Page - List of Unclassifed Manufacturers 240128-06-SL-R-ST-LED-GY Datasheet HTML 18Page - List of Unclassifed Manufacturers 240128-06-SL-R-ST-LED-GY Datasheet HTML 19Page - List of Unclassifed Manufacturers 240128-06-SL-R-ST-LED-GY Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 240128-06
Pacific Display Devices
03.07.2006
16
(3) Address Pointer Set
The address pointer set command is used to indicate the start address for writing (or reading) to external RAM.
The flow chart address pointer set command
● Control Word Set
Code
Hex
Function
D1
D2
01000000
40H
Text home address set
Low address
High address
01000001
41H
Text area set
Columns
00H
01000010
42H
Graphic home address set
Low address
High address
01000011
43H
Graphic area set
Columns
00H
The home address and column size are defined by this command.
(1) Text Home Address Set
The starting address of external display RAM for Text display is defined by this command. The text home address
shows the left end and most upper position.
The relationship of external display RAM address and display position
TH
TH+CL
TH+TA
TH+TA+CL
(TH+TA)+TA
TH+2TA+CL
(TH+2TA)+TA
TH+3TA+CL
TH+(n-1)TA
TH+(n-1)TA+CL
TH : Text home address
TA : Text area number (columns)
CL : Columns are fixed by hardware. (pin-programmable)
ADDRESS POINTER SET
END
STATUS CHECK
LOW ADDRESS DATA SET
STATUS CHECK
COMMAND 24H SEND
STATUS CHECK
HIGH ADDRESS DATA SET
Address pointer set command send



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32