| Moteur de recherche de fiches techniques de composants électroniques |
|
SC16C852LIB Fiches technique(PDF) 52 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SC16C852LIB Fiches technique(HTML) 52 Page - NXP Semiconductors |
|
52 / 60 page ![]() SC16C852L_2 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 02 — 25 January 2007 52 of 60 NXP Semiconductors SC16C852L 1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder Fig 28. Infrared transmit timing Fig 29. Infrared receive timing 01 01 00 11 1 0 UART frame TX data 1/2 bit time 002aaa212 data bits start stop bit time IrDA TX data 3/16 bit time 01 01 00 11 1 0 UART frame RX data IrDA RX data bit time 002aaa213 start data bits stop 0 to 1 16 × clock delay |