Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1170 Fiches technique(PDF) 24 Page - OSRAM GmbH

No de pièce AS1170
Description  AS1170 High current LED/VCSEL driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS1170 Fiches technique(HTML) 24 Page - OSRAM GmbH

Back Button AS1170 Datasheet HTML 20Page - OSRAM GmbH AS1170 Datasheet HTML 21Page - OSRAM GmbH AS1170 Datasheet HTML 22Page - OSRAM GmbH AS1170 Datasheet HTML 23Page - OSRAM GmbH AS1170 Datasheet HTML 24Page - OSRAM GmbH AS1170 Datasheet HTML 25Page - OSRAM GmbH AS1170 Datasheet HTML 26Page - OSRAM GmbH AS1170 Datasheet HTML 27Page - OSRAM GmbH AS1170 Datasheet HTML 28Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 53 page
background image
AS1170
Detailed description
Datasheet
• PUBLIC • Document Feedback
DS001083
• v2-00 • 2024-Feb-05
24 / 53
/
The internal circuit for low voltage current reductions are shown in Figure 20.
Figure 20: Low voltage current reduction internal circuit
A mobile phone camera flash system can trigger a diagnostic flash and a main-flash:
The diagnostic flash is initiated by the processor. After this diagnostic flash, the determined
maximum flash current can be read back through the I²C interface from register
led_current_min and used for the setting for the main flash. Therefore the current in the main-
flash is constant and additionally the camera system can use this current for picture quality
adjustments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53