Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1170 Fiches technique(PDF) 6 Page - OSRAM GmbH

No de pièce AS1170
Description  AS1170 High current LED/VCSEL driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS1170 Fiches technique(HTML) 6 Page - OSRAM GmbH

Back Button AS1170 Datasheet HTML 2Page - OSRAM GmbH AS1170 Datasheet HTML 3Page - OSRAM GmbH AS1170 Datasheet HTML 4Page - OSRAM GmbH AS1170 Datasheet HTML 5Page - OSRAM GmbH AS1170 Datasheet HTML 6Page - OSRAM GmbH AS1170 Datasheet HTML 7Page - OSRAM GmbH AS1170 Datasheet HTML 8Page - OSRAM GmbH AS1170 Datasheet HTML 9Page - OSRAM GmbH AS1170 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
AS1170
Pin assignment
Datasheet
• PUBLIC • Document Feedback
DS001083
• v2-00 • 2024-Feb-05
6 / 53
/
3
Pin assignment
Figure 2: Pin assignment
3.1.1
Pin description
Table 2: Pin description
Pin number
Pin name
Value
A1
VOUT1
DCDC converter output capacitor - make a short connection to CVOUT / VOUT2.
A2
GND
Power and analog ground; make a short connection between both balls.
A3
LED_OUT1
Flash LED current sink.
B1
SW1
DCDC converter switching node - make a short connection to SW2 / coil LDCDC.
B2
GND
Power and analog ground; make a short connection between both balls.
C1
VOUT2
DCDC converter output capacitor - make a short connection to CVOUT / VOUT1.
C2
SW2
DCDC converter switching node - make a short connection to SW1 / coil LDCDC.
C3
LED_OUT2
Flash led current sink.
D1
SCL
Serial clock input for I²C interface.
D2
VIN
Positive supply voltage input - connect to supply and make a short connection to
input capacitor CVIN and to coil LDCDC.
E1
SDA
Serial data input/output for I²C interface (needs external pull-up resistor).
E2
STROBE
Digital input with pulldown to control strobe time for flash function.
E3
A-SELECT
Alternative I²C address pin.
AS1170 Top View
A1 Ball / Corner



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53