Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAM9X75 Fiches technique(PDF) 11 Page - Microchip Technology

No de pièce SAM9X75
Description  SAM9X75 System-in-Package (SiP) MPU with 1‑Gbit or 2‑Gbit DDR3L SDRAM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAM9X75 Fiches technique(HTML) 11 Page - Microchip Technology

Back Button SAM9X75 Datasheet HTML 7Page - Microchip Technology SAM9X75 Datasheet HTML 8Page - Microchip Technology SAM9X75 Datasheet HTML 9Page - Microchip Technology SAM9X75 Datasheet HTML 10Page - Microchip Technology SAM9X75 Datasheet HTML 11Page - Microchip Technology SAM9X75 Datasheet HTML 12Page - Microchip Technology SAM9X75 Datasheet HTML 13Page - Microchip Technology SAM9X75 Datasheet HTML 14Page - Microchip Technology SAM9X75 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
...........continued
BGA243
Pins
rotatethispage90
Power Rail
I/O Type
Primary
Alternate
PIO Peripheral
Reset State
Signal
Dir
Signal
Dir
Func
Signal
Dir
I/O
Set
Signal, Dir, PU,
PD, HiZ, ST,
SEC, FILTER
T4
VDDANA
GPIO
PA28
I/O
AD4
–
A
FLEXCOM1_IO0
I/O
1
PIO, I, PU, ST
B
CANTX1
O
1
L5
VDDANA
GPIO
PA29
I/O
AD5
–
A
FLEXCOM1_IO1
I/O
1
PIO, I, PU, ST
B
CANRX1
I
1
T3
VDDANA
GPIO
PA30
I/O
AD6
–
A
FLEXCOM0_IO0
I/O
1
PIO, I, PU, ST
B
FLEXCOM5_IO4
O
2
C
FLEXCOM4_IO4
O
2
R1
VDDANA
GPIO
PA31
I/O
AD7
–
A
FLEXCOM0_IO1
I/O
1
PIO, I, PU, ST
B
FLEXCOM4_IO5
O
2
C
GTSUCOMP
O
1
G16
VDDIOP2
GPIO
PB0
I/O
WKUP5
–
A
GRX2
I
1
PIO, I, PU, ST
B
FLEXCOM2_IO4
O
1
C
GRXER
I
1
L15
VDDIOP2
GPIO
PB1
I/O
–
–
A
GRX3
I
1
PIO, I, PU, ST
B
FLEXCOM2_IO3
I/O
1
H16
VDDIOP2
GPIO
PB2
I/O
–
–
A
G125CK
I
1
PIO, I, PU, ST
B
FLEXCOM2_IO2
I/O
1
R8
VDDIOP2
GPIO
PB3
I/O
WKUP6
–
A
GCRSDV/GRXCTL
I
1
PIO, I, PU, ST
B
FLEXCOM4_IO6
O
1
J16
VDDIOP2
GPIO
PB4
I/O
–
–
A
GTX2
O
1
PIO, I, PU, ST
B
FLEXCOM8_IO0
I/O
1
N15
VDDIOP2
GPIO
PB5
I/O
–
–
A
GTX3
O
1
PIO, I, PU, ST
B
FLEXCOM8_IO1
I/O
1
F16
VDDIOP2
GPIO
PB6
I/O
–
–
A
GTXCK/GREFCK
I/O
1
PIO, I, PU, ST
B
FLEXCOM0_IO7
I
1
R13
VDDIOP2
GPIO
PB7
I/O
–
–
A
GTXEN/GTXCTL
O
1
PIO, I, PU, ST
C
FLEXCOM6_IO2
I/O
1
D17
VDDIOP2
GPIO
PB8
I/O
–
–
A
GRXCK
I
1
PIO, I, PU, ST
C
FLEXCOM6_IO3
I/O
1
R14
VDDIOP2
GPIO
PB9
I/O
–
–
A
GMDIO
I/O
1
PIO, I, PU, ST
B
PCK1
O
1
C
FLEXCOM6_IO4
O
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36