Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAM9X75 Fiches technique(PDF) 27 Page - Microchip Technology

No de pièce SAM9X75
Description  SAM9X75 System-in-Package (SiP) MPU with 1‑Gbit or 2‑Gbit DDR3L SDRAM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAM9X75 Fiches technique(HTML) 27 Page - Microchip Technology

Back Button SAM9X75 Datasheet HTML 23Page - Microchip Technology SAM9X75 Datasheet HTML 24Page - Microchip Technology SAM9X75 Datasheet HTML 25Page - Microchip Technology SAM9X75 Datasheet HTML 26Page - Microchip Technology SAM9X75 Datasheet HTML 27Page - Microchip Technology SAM9X75 Datasheet HTML 28Page - Microchip Technology SAM9X75 Datasheet HTML 29Page - Microchip Technology SAM9X75 Datasheet HTML 30Page - Microchip Technology SAM9X75 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
SAM9X75 SiP
Mechanical Characteristics
Data Sheet
© 2023 Microchip Technology Inc. and its subsidiaries
DS60001827B - 27
RECOMMENDED LAND PATTERN
Dimension Limits
Units
C2
Contact Pad Spacing
Contact Pitch
MILLIMETERS
0.80 BSC
MIN
E
MAX
12.80 BSC
Contact Pad Width (X243)
X
0.35
NOM
C1
Contact Pad Spacing
12.80 BSC
Contact Pad to Contact Pad
G
0.45
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
1.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
© 2022 Microchip Technology Inc.
Microchip Technology Drawing C04-23556 Rev B
C1
C2
E
ØX
G
SILK SCREEN
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
1 2345 6789 10 11 12 13 14 15 16 17
243-Ball Thin Fine-Pitch Ball Grid Array (4TB) - 16x16x1.23 mm Body [TFBGA]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36