Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD77020 Fiches technique(PDF) 11 Page - Microchip Technology

No de pièce PD77020
Description  PoE PSE Power Management Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD77020 Fiches technique(HTML) 11 Page - Microchip Technology

Back Button PD77020 Datasheet HTML 7Page - Microchip Technology PD77020 Datasheet HTML 8Page - Microchip Technology PD77020 Datasheet HTML 9Page - Microchip Technology PD77020 Datasheet HTML 10Page - Microchip Technology PD77020 Datasheet HTML 11Page - Microchip Technology PD77020 Datasheet HTML 12Page - Microchip Technology PD77020 Datasheet HTML 13Page - Microchip Technology PD77020 Datasheet HTML 14Page - Microchip Technology PD77020 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
PD77020
Package Information
Data Sheet
© 2023 Microchip Technology Inc. and its subsidiaries
DS60001824A - 11
4.2
Thermal Specifications
The following table lists the thermal specifications of the PD77020 device.
Table 4-2. Thermal Specifications
Thermal Resistance
Device
Typ.
Units
Description
θJA
PD77020
TBD
°C/W
Junction-to-ambient thermal resistance.
θJC
PD77020
TBD
°C/W
Junction-to-case thermal resistance.
4.3
Recommended PCB Layout
The following figures show the recommended PCB layout pattern for the PD77020 32-pin QFN 5 mm
× 5 mm. Units are in mm.
Figure 4-2. PD77020 Solder Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20