| Moteur de recherche de fiches techniques de composants électroniques |
|
PD77020 Fiches technique(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PD77020 Fiches technique(HTML) 7 Page - Microchip Technology |
|
7 / 20 page ![]() PD77020 Pins Data Sheet © 2023 Microchip Technology Inc. and its subsidiaries DS60001824A - 7 3. Pins This section provides pin descriptions of the PD77020 device. 3.1 Pin Diagram The following figure shows the pin diagram (top view) of the PD77020 device. Figure 3-1. Pin Diagram PD77020 Top View 24 23 22 21 19 20 18 17 PG4 PG3 I2C_IN_SCL I2C_IN_SDA xDISABLE_PORTS xSys_OK PG2 PG1 1 2 3 4 6 5 7 8 1 2 3 4 6 5 7 8 A rm OPS Trace Code LED Stream Host Interface I2C_OUT_SDA I2C_OUT_SCL xRESET_OUT xINT_IN RESERVED RESERVED OSS _OUT RESERVED ® |