Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD526 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD526
Description  10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD526 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD526 Datasheet HTML 2Page - Analog Devices AD526 Datasheet HTML 3Page - Analog Devices AD526 Datasheet HTML 4Page - Analog Devices AD526 Datasheet HTML 5Page - Analog Devices AD526 Datasheet HTML 6Page - Analog Devices AD526 Datasheet HTML 7Page - Analog Devices AD526 Datasheet HTML 8Page - Analog Devices AD526 Datasheet HTML 9Page - Analog Devices AD526 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
AD8253
Preliminary Technical Data
Rev.
PrA | Page 10 of 10
PR06983-0-9/07(PrA)
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-187-BA
0.23
0.08
0.80
0.60
0.40
8°
0°
0.15
0.05
0.33
0.17
0.95
0.85
0.75
SEATING
PLANE
1.10 MAX
10
6
5
1
0.50 BSC
PIN 1
COPLANARITY
0.10
3.10
3.00
2.90
3.10
3.00
2.90
5.15
4.90
4.65
Figure 9. 10-Lead Mini Small Outline Package [MSOP]
(RM-10)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
AD8253ARMZ1
–40°C to +85°C
10-Lead MSOP
RM-10
Y0K
AD8253ARMZ-RL1
–40°C to +85°C
10-Lead MSOP
RM-10
Y0K
AD8253ARMZ-R71
–40°C to +85°C
10-Lead MSOP
RM-10
Y0K
AD8253-EVALZ1
Evaluation Board
1 Z = RoHS compliant part.



Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com