Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD526 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD526
Description  10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD526 Fiches technique(HTML) 5 Page - Analog Devices

  AD526 Datasheet HTML 1Page - Analog Devices AD526 Datasheet HTML 2Page - Analog Devices AD526 Datasheet HTML 3Page - Analog Devices AD526 Datasheet HTML 4Page - Analog Devices AD526 Datasheet HTML 5Page - Analog Devices AD526 Datasheet HTML 6Page - Analog Devices AD526 Datasheet HTML 7Page - Analog Devices AD526 Datasheet HTML 8Page - Analog Devices AD526 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Preliminary Technical Data
AD8253
Rev. prA | Page 5 of 10
Parameter
Conditions
Min
Typ
Max
Unit
POWER SUPPLY
Operating Range
±5
±15
V
Quiescent Current, +IS
4.1
4.5
mA
Quiescent Current, −IS
3.7
4.5
mA
Over Temperature
T = −40°C to +85°C
4.5
mA
TEMPERATURE RANGE
Specified Performance
−40
+85
°C
1 Add time for the output to slew and settle to calculate the total time for a gain change.
TIMING DIAGRAM
A0, A1
WR
tSU
tHD
tWR-HIGH
tWR-LOW
Figure 2. Timing Diagram for Latched Gain Mode (See the Timing for Latched Gain Mode Section)



Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com