Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC3908CSSS Fiches technique(PDF) 12 Page - Texas Instruments

No de pièce ADC3908CSSS
Description  ADC3908Dx and ADC3908Sx 8-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

ADC3908CSSS Fiches technique(HTML) 12 Page - Texas Instruments

Back Button ADC3908CSSS Datasheet HTML 8Page - Texas Instruments ADC3908CSSS Datasheet HTML 9Page - Texas Instruments ADC3908CSSS Datasheet HTML 10Page - Texas Instruments ADC3908CSSS Datasheet HTML 11Page - Texas Instruments ADC3908CSSS Datasheet HTML 12Page - Texas Instruments ADC3908CSSS Datasheet HTML 13Page - Texas Instruments ADC3908CSSS Datasheet HTML 14Page - Texas Instruments ADC3908CSSS Datasheet HTML 15Page - Texas Instruments ADC3908CSSS Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
6.11 Output Interface Timing Diagram
B0
B1
B6
B7
B0
B1
B6
B7
Sampling
Clock
Sample N
tAD
tPD
DCLK
Sample N
D07
Sample N-1
Sample N+1
Input Signal
D01
D00
D06
A7
A6
A1
A0
tDE
TDCLK
A6
A1
A0
tDL
DCLK
tACQ
tCONV
A7
Figure 6-1. Timing Diagram: Dual CH, DDR (Default: 8 Lanes)
Sampling
Clock
Sample N
tAD
tPD
DCLK
Sample N
D00..D07
Sample N-1
tACQ
tConversion
Sample N+1
Input
Signal
DCLK
tDE
tDL
Figure 6-2. Timing Diagram: Single CH (CHA), SDR (Default: 8 Lanes)
ADC3908D025, ADC3908D065, ADC3908D125
ADC3908S025, ADC3908S065, ADC3908S125
SBASAU9 – OCTOBER 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADC3908D025 ADC3908D065 ADC3908D125 ADC3908S025 ADC3908S065 ADC3908S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47