| Moteur de recherche de fiches techniques de composants électroniques |
|
PM5366-PI Fiches technique(PDF) 184 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM5366-PI Fiches technique(HTML) 184 Page - PMC-Sierra, Inc |
|
184 / 267 page ![]() PRELIMINARY PM5366 TEMAP-84 DATASHEET PMC-2010672 ISSUE 1 HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER PROPRIETARY AND CONFIDENTIAL 172 Figure 23 - DS3 and E3 Line Loopback Diagram DS3/E3 FRMR DS3/E3 TRAN RCLK RPOS/ RDAT RNEG/ RLCV TCLK TPOS/ TDAT TNEG/ TMFP DS2 Demultiplex Loopback DS2 Demultiplex Loopbacks allow each of the seven demultiplexed DS2 streams to be looped back into the MX23 and multiplexed up into the transmit DS3 stream. This overrides the tributary DS2 streams coming from the MX12s. The DS2 loopback mode is shown diagrammatically in Figure 24 and is enabled via the MX23 Loopback Activate register. Figure 24 - DS2 Loopback Diagram MX12 #7 F R M R MX12 #6 F R M R MX12 #5 F R M R MX12 #4 F R M R MX12 #3 F R M R MX12 #2 F R M R DS3 FRMR DS3 TRAN MX23 MX12 #1 F R M R RCLK RPOS/ RDAT RNEG/ RLCV TCLK TPOS/ TDAT TNEG/ TMFP Optional DEMUX AIS Insertion DS2 Tributary Loopback path |