| Moteur de recherche de fiches techniques de composants électroniques |
|
PM5366-PI Fiches technique(PDF) 3 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM5366-PI Fiches technique(HTML) 3 Page - PMC-Sierra, Inc |
|
3 / 267 page ![]() PRELIMINARY PM5366 TEMAP-84 DATASHEET PMC-2010672 ISSUE 1 HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER PROPRIETARY AND CONFIDENTIAL ii 9.11 DS3/E3 HDLC RECEIVER (RDLC)............................................. 82 9.12 DS3/E3 PERFORMANCE MONITOR ACCUMULATOR (DS3/E3- PMON) ........................................................................................ 82 9.13 DS3 TRANSMITTER (DS3-TRAN).............................................. 83 9.14 DS3/E3 HDLC TRANSMITTERS ................................................ 85 9.15 DS3 PSEUDO RANDOM PATTERN GENERATION AND DETECTION (PRGD).................................................................. 86 9.16 M23 MULTIPLEXER (MX23) ....................................................... 86 9.17 DS2 FRAMER (DS2 FRMR)........................................................ 87 9.18 M12 MULTIPLEXER (MX12) ....................................................... 89 9.19 E3 FRAMER................................................................................ 90 9.20 E3 TRANSMITTER ..................................................................... 92 9.21 E3 TRAIL TRACE BUFFER......................................................... 94 9.22 TRIBUTARY PAYLOAD PROCESSOR (VTPP) .......................... 94 9.23 RECEIVE TRIBUTARY PATH OVERHEAD PROCESSOR (RTOP) ........................................................................................ 96 9.24 RECEIVE TRIBUTARY TRACE BUFFER (RTTB)....................... 98 9.25 RECEIVE TRIBUTARY BIT ASYNCHRONOUS DEMAPPER (RTDM)........................................................................................ 99 9.26 RECEIVE TRIBUTARY BYTE SYNCHRONOUS DEMAPPER . 102 9.27 DS3 MAPPER DROP SIDE (D3MD) ......................................... 103 9.28 TRANSMIT TRIBUTARY PATH OVERHEAD PROCESSOR (TTOP) ...................................................................................... 106 9.29 TRANSMIT REMOTE ALARM PROCESSOR (TRAP).............. 107 9.30 TRANSMIT TRIBUTARY BIT ASYNCHRONOUS MAPPER (TTMP) ...................................................................................... 108 |