| Moteur de recherche de fiches techniques de composants électroniques |
|
PM5366-PI Fiches technique(PDF) 30 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM5366-PI Fiches technique(HTML) 30 Page - PMC-Sierra, Inc |
|
30 / 267 page ![]() PRELIMINARY PM5366 TEMAP-84 DATASHEET PMC-2010672 ISSUE 1 HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER PROPRIETARY AND CONFIDENTIAL 18 4 APPLICATION EXAMPLES PM5366 TEMAP-84 in conjunction with PMC's PM4318 OCTLIU provides a high- density line card for SONET/SDH Add/Drop Multiplexers' as shown in Figure 1. Figure 1 - High-Density Line Card Application OC-12 PM5313 SPECTRA-622 PM5363 TUPP-622 East Card Tributary Cross-Connect OC-12 PM5313 SPECTRA-622 PM5363 TUPP-622 West Card PM5366 TEMAP-84 PM4318 OCTLIU PM4318 OCTLIU PM4318 OCTLIU 8 x T1 or 8 x E1 SBI Work Prot Prot Drop Add Figure 2 shows a OC-12 Multi-Service Switch application, whereby PM5366 TEMAP-84 provides VT/TU mapping and Performance Monitoring. PM5366 TEMAP-84 connects seamlessly to PMC's link layer products using the Scaleable Bandwidth Interconnect (SBI) bus. |