| Moteur de recherche de fiches techniques de composants électroniques |
|
PM5366-PI Fiches technique(PDF) 160 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM5366-PI Fiches technique(HTML) 160 Page - PMC-Sierra, Inc |
|
160 / 267 page ![]() PRELIMINARY PM5366 TEMAP-84 DATASHEET PMC-2010672 ISSUE 1 HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER PROPRIETARY AND CONFIDENTIAL 148 Pin/ Enable Bit # Cell Type Id Bit Pin/ Enable Bit # Cell Type Id Bit D_3 150 IO_CELL - XCLK_T1 301 IN_CELL 0 NOTES: 1. Register bit 301 is the first bit of the scan chain (closest to TDI). 2. Enable cell OEB_pinname, sets ball pinname to high-impedance when set high. 3. Unconnected register bits in the scan chain are not connected to any pins. |