| Moteur de recherche de fiches techniques de composants électroniques |
|
PM5366 Fiches technique(PDF) 76 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM5366 Fiches technique(HTML) 76 Page - PMC-Sierra, Inc |
|
76 / 267 page ![]() PRELIMINARY PM5366 TEMAP-84 DATASHEET PMC-2010672 ISSUE 1 HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER PROPRIETARY AND CONFIDENTIAL 64 Table 14 - Indexing for 2.048 Mbit/s Tributaries SBI Bus SPE, LINK Telecom Bus TUG-3, TUG-2, TU12 M13 DS3, DS2, E1 1,1 1,1,1 1,1,1 1,2 1,2,1 1,1,2 1,3 1,3,1 1,1,3 1,4 1,4,1 1,2,1 1,5 1,5,1 1,2,2 1,6 1,6,1 1,2,3 1,7 1,7,1 1,3,1 1,8 1,1,2 1,3,2 1,9 1,2,2 1,3,3 1,10 1,3,2 1,4,1 1,11 1,4,2 1,4,2 1,12 1,5,2 1,4,3 1,13 1,6,2 1,5,1 1,14 1,7,2 1,5,2 1,15 1,1,3 1,5,3 1,16 1,2,3 1,6,1 1,17 1,3,3 1,6,2 1,18 1,4,3 1,6,3 1,19 1,5,3 1,7,1 1,20 1,6,3 1,7,2 1,21 1,7,3 1,7,3 2,1 2,1,1 2,1,1 ... ... ... Clock and Frame Synchronization Constraints section indicates constraints on bus alignments imposed by TVT support. 9.3 T1 Performance Monitoring T1 framing can be performed on up to three sets of 28 tributaries for the purpose of performance monitoring. The ingress or egress path may be monitored, as selected on an individual tributary basis. The T1 framing function searches for the framing bit pattern in the standard Superframe (SF), SLC 96 or Extended Superframe (ESF) framing formats. When searching for frame each of the 193 (SF or SLC 96) or each of the 772 (ESF) framing bit candidates is simultaneously examined. |