| Moteur de recherche de fiches techniques de composants électroniques |
|
PM5366 Fiches technique(PDF) 71 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM5366 Fiches technique(HTML) 71 Page - PMC-Sierra, Inc |
|
71 / 267 page ![]() PRELIMINARY PM5366 TEMAP-84 DATASHEET PMC-2010672 ISSUE 1 HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER PROPRIETARY AND CONFIDENTIAL 59 Pin Name Type Pin No. Function VSS[6] VSS[5] VSS[4] VSS[3] VSS[2] VSS[1] V21 V22 W21 Y11 Y14 Y17 Unused Unused A1 A8 A9 A20 A21 B2 B8 B9 B17 B19 B20 B21 C9 C16 C20 C21 D7 D9 D17 D18 D21 E19 E20 E21 F22 G20 G21 G22 L4 P4 T19 These balls must be left floating. |