| Moteur de recherche de fiches techniques de composants électroniques |
|
PM5352 Fiches technique(PDF) 13 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM5352 Fiches technique(HTML) 13 Page - PMC-Sierra, Inc |
|
13 / 77 page ![]() PM5352 S/UNI STAR DATA SHEET PMC-1990421 ISSUE 2 SATURN USER NETWORK INTERFACE 155 (STAR) PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE 9 4 DATASHEET OVERVIEW The PM5352 S/UNI-STAR is functionally equivalent to a single channel PM5351 S/UNI-TETRA (TETRA channel #4). The devices are software compatible and pin compatible. This datasheet provides a complete pin- out description for the S/UNI-STAR, as well as any differences between these devices (including boundary scan register, test mode 0 register). For a complete functional and register description, please refer to the PMC- 971240. |