| Moteur de recherche de fiches techniques de composants électroniques |
|
PM5352 Fiches technique(PDF) 46 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM5352 Fiches technique(HTML) 46 Page - PMC-Sierra, Inc |
|
46 / 77 page ![]() PM5352 S/UNI STAR DATA SHEET PMC-1990421 ISSUE 2 SATURN USER NETWORK INTERFACE 155 (STAR) PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE 42 Pin Name Type Pin No. Function N/C No connect - AA15 AB16 AC17 AC19 Y17 AA18 AB10 AC10 Y11K 2 K1 N2 N1 B4 C5 T3 J2 D8 D7 C8 C7 B18 B7 B6 A7 A5. No connect QAVD Analog Power AA6 C6 The quiet analog power (QAVD) pins for the analog core. QAVD should be connected to analog +3.3V. QAVS Analog Ground AB5 B5 The quiet analog ground (QAVS) pins for the analog core. QAVS should be connected to analog GND. |