Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PXAS37KBA Fiches technique(PDF) 38 Page - NXP Semiconductors

No de pièce PXAS37KBA
Description  XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PXAS37KBA Fiches technique(HTML) 38 Page - NXP Semiconductors

Back Button PXAS37KBA Datasheet HTML 34Page - NXP Semiconductors PXAS37KBA Datasheet HTML 35Page - NXP Semiconductors PXAS37KBA Datasheet HTML 36Page - NXP Semiconductors PXAS37KBA Datasheet HTML 37Page - NXP Semiconductors PXAS37KBA Datasheet HTML 38Page - NXP Semiconductors PXAS37KBA Datasheet HTML 39Page - NXP Semiconductors PXAS37KBA Datasheet HTML 40Page - NXP Semiconductors PXAS37KBA Datasheet HTML 41Page - NXP Semiconductors PXAS37KBA Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
Philips Semiconductors
Preliminary specification
XA-S3
XA 16-bit microcontroller
32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage (2.7 V–5.5 V),
I2C, 2 UARTs, 16 MB address range
2000 Dec 01
38
AC ELECTRICAL CHARACTERISTICS (5 V)
VDD = 4.5 V to 5.5 V; Tamb = 0 to +70°C for commercial, Tamb = –40°C to +85°C for industrial.
SYMBOL
FIGURE
PARAMETER
LIMITS
UNIT
SYMBOL
FIGURE
PARAMETER
MIN
MAX
UNIT
External Clock
fC
32
Oscillator frequency
0
30
MHz
tC
32
Clock period and CPU timing cycle
1/fC
ns
tCHCX
32
Clock high-time (Note 7)
tC * 0.5
ns
tCLCX
32
Clock low time (Note 7)
tC * 0.4
ns
tCLCH
32
Clock rise time (Note 7)
5
ns
tCHCL
32
Clock fall time (Note 7)
5
ns
Address Cycle
tLHLL
26, 28, 30
ALE pulse width (programmable)
(V1 * tC) – 6
ns
tAVLL
26, 28, 30
Address valid to ALE de-asserted (set-up)
(V1 * tC) – 12
ns
tLLAX
26, 28, 30
Address hold after ALE de-asserted
(tC/2) – 10
ns
Code Read Cycle
tPLPH
26
PSEN pulse width
(V2 * tC) – 10
ns
tLLPL
26
ALE de-asserted to PSEN asserted
(tC/2) – 7
ns
tAVIVA
26
Address valid to instruction valid, ALE cycle (access time)
(V3 * tC) – 36
ns
tAVIVB
27
Address valid to instruction valid, non-ALE cycle (access time)
(V4 * tC) – 29
ns
tPLIV
26
PSEN asserted to instruction valid (enable time)
(V2 * tC) – 29
ns
tPHIX
26
Instruction hold after PSEN de-asserted
0
ns
tPHIZ
26
Bus 3-State after PSEN de-asserted
tC – 8
ns
tIXUA
26
Hold time of unlatched part of address after instruction latched
0
ns
Data Read Cycle
tRLRH
28
RD pulse width
(V7 * tC) – 10
ns
tLLRL
28
ALE de-asserted to RD asserted
(tC/2) – 7
ns
tAVDVA
28
Address valid to data input valid, ALE cycle (access time)
(V6 * tC) – 36
ns
tAVDVB
29
Address valid to data input valid, non-ALE cycle (access time)
(V5 * tC) – 29
ns
tRLDV
28
RD low to valid data in (enable time)
(V7 * tC) – 29
ns
tRHDX
28
Data hold time after RD de–asserted
0
ns
tRHDZ
28
Bus 3-State after RD de-asserted (disable time)
tC – 8
ns
tDXUA
28
Hold time of unlatched part of address after data latched
0
ns
Data Write Cycle
tWLWH
30
WR pulse width
(V8 * tC) – 10
ns
tLLWL
30
ALE falling edge to WR asserted
(V12 * tC) – 10
ns
tQVWX
30
Data valid before WR asserted (data set-up time)
(V13 * tC) – 22
ns
tWHQX
30
Data hold time after WR de-asserted (Note 6)
(V11 * tC) – 5
ns
tAVWL
30
Address valid to WR asserted (address set-up time) (Note 5)
(V9 * tC) – 22
ns
tUAWH
30
Hold time of unlatched part of address after WR is de-asserted
(V11 * tC) – 7
ns
Wait Input
tWTH
31
WAIT stable after bus strobe (RD, WR, or PSEN) asserted
(V10 * tC) – 30
ns
tWTL
31
WAIT hold after bus strobe (RD, WR, or PSEN) asserted
(V10 * tC) – 5
ns
NOTES ON PAGE 41.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com