Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PXAS37KBA Fiches technique(PDF) 43 Page - NXP Semiconductors

No de pièce PXAS37KBA
Description  XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PXAS37KBA Fiches technique(HTML) 43 Page - NXP Semiconductors

Back Button PXAS37KBA Datasheet HTML 39Page - NXP Semiconductors PXAS37KBA Datasheet HTML 40Page - NXP Semiconductors PXAS37KBA Datasheet HTML 41Page - NXP Semiconductors PXAS37KBA Datasheet HTML 42Page - NXP Semiconductors PXAS37KBA Datasheet HTML 43Page - NXP Semiconductors PXAS37KBA Datasheet HTML 44Page - NXP Semiconductors PXAS37KBA Datasheet HTML 45Page - NXP Semiconductors PXAS37KBA Datasheet HTML 46Page - NXP Semiconductors PXAS37KBA Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
Philips Semiconductors
Preliminary specification
XA-S3
XA 16-bit microcontroller
32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage (2.7 V–5.5 V),
I2C, 2 UARTs, 16 MB address range
2000 Dec 01
43
AC WAVEFORMS
tCHLH
tCLLL
tLHLL
tCHPL
tCHPH
tCHAV
tCHAX
tLLPL
tPLPH
tIVCH
tAVLL
tLLAX
tPLIV
tCHIX
tPHIZ
tCHIZ
tPHIX
tAVIVA
tIXUA
CLKOUT
ALE
PSEN
Multiplexed
Address and Data
Unmultiplexed
Address
A4–A11 or A4–A23
INSTR IN*
A0 or A1–A3, A12–A23
*INSTR IN is either D0–D7 or D0–D15, depending on the bus width (8 or 16 bits).
SU00943A
Figure 26. External Program Memory Read Cycle (ALE Cycle)
tAVIVB
Multiplexed
Address and Data
Unmultiplexed
Address
INSTR IN*
A0 or A1–A3, A12–A23
*INSTR IN is either D0–D7 or D0–D15, depending on the bus width (8 or 16 bits).
SU00949
PSEN
Figure 27. External Program Memory Read Cycle (Non-ALE Cycle)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com