| Moteur de recherche de fiches techniques de composants électroniques |
|
H838024 Fiches technique(PDF) 95 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H838024 Fiches technique(HTML) 95 Page - Renesas Technology Corp |
|
95 / 697 page ![]() Section 2 CPU Rev. 7.00 Mar 10, 2005 page 53 of 652 REJ09B0042-0700 [Legend] op: rn: IMM: Operation field Register field Immediate data 15 0 87 op RTE, SLEEP, NOP 15 0 87 op rn LDC, STC (Rn) 15 0 87 op IMM ANDC, ORC, XORC, LDC (#xx:8) Figure 2.9 System Control Instruction Codes 2.5.8 Block Data Transfer Instruction Table 2.11 describes the block data transfer instruction. Figure 2.10 shows its object code format. Table 2.11 Block Data Transfer Instruction Instruction Size Function EEPMOV — If R4L ≠ 0 then repeat @R5+ → @R6+ R4L – 1 → R4L until R4L = 0 else next; Block transfer instruction. Transfers the number of data bytes specified by R4L from locations starting at the address indicated by R5 to locations starting at the address indicated by R6. After the transfer, the next instruction is executed. Certain precautions are required in using the EEPMOV instruction. See section 2.9.3, Notes on Use of the EEPMOV Instruction, for details. |